Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8A-00-10K-GG Fiches technique(PDF) 1 Page - Welwyn Components Limited

No de pièce SS8A-00-10K-GG
Description  Surface Mount SOIC Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WELWYN [Welwyn Components Limited]
Site Internet  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SS8A-00-10K-GG Fiches technique(HTML) 1 Page - Welwyn Components Limited

  SS8A-00-10K-GG Datasheet HTML 1Page - Welwyn Components Limited SS8A-00-10K-GG Datasheet HTML 2Page - Welwyn Components Limited SS8A-00-10K-GG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Welwyn Components
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
SOIC Series Issue June 2006
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
________________
Surface Mount SOIC
Resistor Networks
Tested for COTS applications
Both narrow and wide body versions available
Standard JEDEC 8, 14, 16, and 20 pin packages
Ultra-stable TaNSil® resistors on silicon substrates
Standard Sn/Pb and Pb-free terminations available
SOIC Series
IRC’s TaNSil® SOIC resistor networks are the perfect solution for high vol-
ume applications that demand a small wiring board footprint. The .050” lead
spacing provides higher lead density, increased component count, lower resistor cost, and high reliability.
The tantalum nitride film system on silicon provides precision tolerance, exceptional TCR tracking, low cost
and miniature package. Excellent performance in harsh, humid environments is a trademark of IRC’s self-pas-
sivating TaNSil® resistor film.
The SOIC series is ideally suited for the latest surface mount assembly techniques and each lead can be
100% visually inspected. The compliant gull wing leads relieve thermal expansion and contraction stresses
created by soldering and temperature excursions.
For applications requiring high performance resistor networks in a low cost, surface mount package, specify
IRC SOIC resistor networks.
Electrical Data
Environmental Data
Resistance Range
10 - 250KW
Absolute Tolerance
To ±0.1%
Ratio Tolerance to R1
To ±0.05%
Absolute TCR
To ±25ppm/°C
Tracking TCR
To ±5ppm/°C
Element Power Rating @ 70°C
Isolated Schematic
Bussed Schematic
100mW
50mW
Power Rating @ 70°C
SOIC-N Package
8-Pin
400mW
14-Pin
700mW
16-Pin
800mW
Power Rating @ 70°C
SOIC-W Package
16-Pin
1.2W
20-Pin
1.5W
Rated Operating Voltage
(not to exceed Power X Resistance)
100 Volts
Operating Temperature
-55°C to ±125°C
Noise
<-30dB
Test Per
MIL-PRF-83401
Typical
Delta R
Max
Delta R
Thermal Shock
±0.02%
±0.1%
Power
Conditioning
±0.03%
±0.1%
High Temperature
Exposure
±0.03%
±0.05%
Short-time
Overload
±0.02%
±0.05%
Low Temperature
Storage
±0.03%
±0.05%
Life
±0.05%
±0.1%


Numéro de pièce similaire - SS8A-00-10K-GG

FabricantNo de pièceFiches techniqueDescription
logo
Richco, Inc.
SS8-10 RICHCO-SS8-10 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-10L RICHCO-SS8-10L Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-12 RICHCO-SS8-12 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-12L RICHCO-SS8-12L Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
SS8-14 RICHCO-SS8-14 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
More results

Description similaire - SS8A-00-10K-GG

FabricantNo de pièceFiches techniqueDescription
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com