Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS4A-02-10K-JG Fiches technique(PDF) 3 Page - Welwyn Components Limited

No de pièce SS4A-02-10K-JG
Description  Surface Mount SOIC Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WELWYN [Welwyn Components Limited]
Site Internet  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SS4A-02-10K-JG Fiches technique(HTML) 3 Page - Welwyn Components Limited

  SS4A-02-10K-JG Datasheet HTML 1Page - Welwyn Components Limited SS4A-02-10K-JG Datasheet HTML 2Page - Welwyn Components Limited SS4A-02-10K-JG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Welwyn Components
SOIC Series Issue June 2006
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Surface Mount SOIC
Resistor Networks
Power Derating Data
25°
70°
125°
100
50
10
Temperature in °C
Physical and Schematic Data (mm)
1
2
3
N
1.27 Typ
L
0.41 ± 0.08
0.18 ± 0.08
E
B
H
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
N
-
C
I
O
S
W
-
C
I
O
S
n
i
P
-
8
n
i
P
-
4
1
n
i
P
-
6
1
n
i
P
-
6
1
n
i
P
-
0
2
±
1.5 0.2
±
3.9 0.1
±
6.0 0.2
E
L
B
H
±
2.5 0.15
±
7.5 0.1
±
10.3 0.3
±
8.66 0.1
±
4.9 0.1
±
9.91 0.1
±
10.21 0.1
±
12.75 0.1
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
SS8
A
-
01 - 10K - F
B
Style
SS4 = 8-pin SOIC-N
SS7 = 14-pin SOIC-N
SS8 = 16-pin SOIC-N
SL8 = 16-pin SOIC-W
SL0 = 20-pin SOIC-W
Schematic
A = Isolated network
B = Bussed network
Absolute TCR Code
00 = ±250ppm/°C; 01 = ±100ppm/°C
02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance Code
4-Digit Resistance Code
Ex: 1002 = 10KW, 50R1 = 50.1W
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%
C = ±0.25%; B = ±0.1%
Optional Ratio Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%;
C = ±0.25%; B = ±0.1%; A = ±0.05%
Packaging
Specify tubes or tape & reel.
Finish
Blank = Pb - free
PB = SnPb
Ordering Data
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
Note: All dimesions exclude mold flash and
end flash which shall not exceed 0.15 per side.
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3


Numéro de pièce similaire - SS4A-02-10K-JG

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
SS4 JAUCH-SS4 Datasheet
97Kb / 2P
   Quartz Crystal
logo
Rectron Semiconductor
SS4 RECTRON-SS4 Datasheet
31Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
Richco, Inc.
SS4-10 RICHCO-SS4-10 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
logo
Samtec, Inc
SS4-10-3.00-L-D-K-TR SAMTEC-SS4-10-3.00-L-D-K-TR Datasheet
873Kb / 1P
   ULTRA FINE PITCH HEADER & SOCKET
SS4-10-3.50-L-D-K-TR SAMTEC-SS4-10-3.50-L-D-K-TR Datasheet
873Kb / 1P
   ULTRA FINE PITCH HEADER & SOCKET
More results

Description similaire - SS4A-02-10K-JG

FabricantNo de pièceFiches techniqueDescription
logo
IRC - a TT electronics ...
GUS-SS4A-00-1002-J IRCTT-GUS-SS4A-00-1002-J Datasheet
300Kb / 4P
   Surface Mount SOIC Resistor Networks
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com