Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC40105MG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce CD74HC40105MG4
Description  High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC40105MG4 Fiches technique(HTML) 2 Page - Texas Instruments

  CD74HC40105MG4 Datasheet HTML 1Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 2Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 3Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 4Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 5Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 6Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 7Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 8Page - Texas Instruments CD74HC40105MG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Pinout
CD54HC40105, CD54HCT40105
(CERDIP)
CD74HC40105, CD74HCT40105
(PDIP, SOIC)
TOP VIEW
Loading Data
Data can be entered whenever the DATA-IN READY (DIR)
flag is high, by a low to high transition on the SHIFT-IN (SI)
input. This input must go low momentarily before the next
word is accepted by the FIFO. The DIR flag will go low
momentarily, until the data have been transferred to the sec-
ond location. The flag will remain low when all 16-word loca-
tions are filled with valid data, and further pulses on the SI
input will be ignored until DIR goes high.
Unloading Data
As soon as the first word has rippled to the output, the data-
out ready output (DOR) goes HIGH and data of the first word
is available on the outputs. Data of other words can be
removed by a negative-going transition on the shift-out input
(SO). This negative-going transition causes the DOR signal
to go LOW while the next word moves to the output. As long
as valid data is available in the FIFO, the DOR signal will go
high again, signifying that the next word is ready at the
output. When the FIFO is empty, DOR will remain LOW, and
any further commands will be ignored until a “1” marker
ripples down to the last control register and DOR goes
HIGH. If during unloading SI is HIGH, (FIFO is full) data on
the data input of the FIFO is entered in the first location.
Master Reset
A high on the MASTER RESET (MR) sets all the control
logic marker bits to “0”. DOR goes low and DIR goes high.
The contents of the data register are not changed, only
declared invalid, and will be superseded when the first word
is loaded. Thus, MR does not clear data within the register
but only the control logic. If the shift-in flag (SI) is HIGH
during the master reset pulse, data present at the input (D0
to D3) are immediately moved into the first location upon
completion of the reset process.
Three-State Outputs
In order to facilitate data busing, three-state outputs (Q0 to
Q3) are provided on the data output lines, while the load
condition of the register can be detected by the state of the
DOR output. A HIGH on the three-state control flag (output
enable input OE) forces the outputs into the high-impedance
OFF-state mode. Note that the shift-out signal, unlike that in
the CD40105B, is independent of the three-state output
control. In the CD40105B, the three-state control must not
be shifted from High to Low when the shift-out signal is Low
(data loss would occur). In the high-speed CMOS version
this restriction has been eliminated.
Cascading
The 40105 can be cascaded to form longer registers simply
by connecting the DIR to SO and DOR to SI. In the cascaded
mode, a MASTER RESET pulse must be applied after the
supply voltage is turned on. For words wider than four bits, the
DIR and the DOR outputs must be gated together with AND
gates. Their outputs drive the SI and SO inputs in parallel, if
expanding is done in both directions (see Figures 12 and 13).
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
THREE-STATE
DIR
SI
D0
D1
D2
GND
D3
VCC
DOR
Q0
Q1
Q2
Q3
MR
SO
CONTROL
STATE
Q0
Q1
Q2
Q3
CONTROL
D0
D1
D2
D3
SHIFT OUT
4
1
5
6
7
3
15
13
12
11
10
MASTER
9
SHIFT IN
RESET
14
2
DATA-OUT
DATA-IN
READY
READY
GND = 8
VCC = 16
THREE-
CD54HC40105, CD74HC40105, CD54HCT40105, CD74HCT40105


Numéro de pièce similaire - CD74HC40105MG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC40105MG4 TI-CD74HC40105MG4 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results

Description similaire - CD74HC40105MG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD74HC40105 TI-CD74HC40105 Datasheet
82Kb / 14P
[Old version datasheet]   High Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com