Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8900A-IQ Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS8900A-IQ
Description  Crystal LAN ??ISA Ethernet Controller
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A-IQ Fiches technique(HTML) 1 Page - Cirrus Logic

  CS8900A-IQ Datasheet HTML 1Page - Cirrus Logic CS8900A-IQ Datasheet HTML 2Page - Cirrus Logic CS8900A-IQ Datasheet HTML 3Page - Cirrus Logic CS8900A-IQ Datasheet HTML 4Page - Cirrus Logic CS8900A-IQ Datasheet HTML 5Page - Cirrus Logic CS8900A-IQ Datasheet HTML 6Page - Cirrus Logic CS8900A-IQ Datasheet HTML 7Page - Cirrus Logic CS8900A-IQ Datasheet HTML 8Page - Cirrus Logic CS8900A-IQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
CS8900A
Product Data Sheet
Crystal LAN™ Ethernet
Controller
FEATURES
Single-Chip IEEE 802.3 Ethernet Controller with
Direct ISA-Bus Interface
Maximum Current Consumption = 55 mA (5V
Supply)
3V or 5V Operation
Industrial Temperature Range
Comprehensive Suite of Software Drivers
Available
Efficient PacketPage™ Architecture Operates in
I/O and Memory Space, and as DMA Slave
Full Duplex Operation
On-Chip RAM Buffers Transmit and Receive
Frames
10BASE-T Port with Analog Filters, Provides:
-
Automatic Polarity Detection and Correction
AUI Port for 10BASE2, 10BASE5 and 10BASE-F
Programmable Transmit Features:
-
Automatic Re-transmission on Collision
-
Automatic Padding and CRC Generation
Programmable Receive Features:
-
Stream Transfer™ for Reduced CPU Overhead
-
Auto-Switch Between DMA and On-Chip Memory
-
Early Interrupts for Frame Pre-Processing
-
Automatic Rejection of Erroneous Packets
EEPROM Support for Jumperless Configuration
Boot PROM Support for Diskless Systems
Boundary Scan and Loopback Test
LED Drivers for Link Status and LAN Activity
Standby and Suspend Sleep Modes
DESCRIPTION
The CS8900A is a low-cost Ethernet LAN Controller op-
timized for the Industry Standard Architecture (ISA) bus
and general purpose microcontroller busses. Its highly-
integrated design eliminates the need for costly external
components required by other Ethernet controllers. The
CS8900A includes on-chip RAM, 10BASE-T transmit
and receive filters, and a direct ISA-Bus interface with
24 mA Drivers.
In addition to high integration, the CS8900A offers a
broad range of performance features and configuration-
options.
Its
unique
PacketPage
architecture
automatically adapts to changing network traffic pat-
terns and available system resources. The result is
increased system efficiency.
The CS8900A is available in a 100-pin LQFP package
ideally suited for small form-factor, cost-sensitive Ether-
net applications. With the CS8900A, system engineers
can design a complete Ethernet circuit that occupies
less than 1.5 square inches (10 sq. cm) of board space.
ORDERING INFORMATION
CS8900A-CQ
0° to 70° C 5V
LQFP-100
CS8900A-CQZ
0° to 70° C 5V
LQFP-100 Lead free
CS8900A-IQ
-40° to 85° C 5V
LQFP-100
CS8900A-IQZ -40° to 85° C 5V
LQFP-100 Lead free
CS8900A-CQ3
0° to 70° C 3.3V
LQFP-100
CS8900A-CQ3Z 0° to 70° C 3.3V
LQFP-100 Lead free
CS8900A-IQ3 -40° to 85° C 3.3V
LQFP-100
CS8900A-IQ3Z -40° to 85° C 3.3V
LQFP-100 Lead free
CRD8900A-1
Evaluation Kit
EEPROM
RJ-45 10BASE-T
Attachment
Unit
Interface
(AUI)
20 MHz
XTAL
RAM
Bus
Logic
Memory
Manager
802.3
MAC
Engine
EEPROM
Control
Encoder/
Decoder
&
PLL
10BASE-T
RX Filters &
Receiver
10BASE-T
TX Filters &
Transmitter
AUI
Transmitter
AUI
Collision
AUI
Receiver
Clock
Power
Manager
Boundary
Scan
Test Logic
LED
Control
CS8900A ISA Ethernet Controller
Host
DS271F4
AUG ‘07


Numéro de pièce similaire - CS8900A-IQ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8900A-IQ CIRRUS-CS8900A-IQ Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A-IQ CIRRUS-CS8900A-IQ Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
CS8900A-IQ3 CIRRUS-CS8900A-IQ3 Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A-IQ3 CIRRUS-CS8900A-IQ3 Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
logo
List of Unclassifed Man...
CS8900A-IQ3 ETC2-CS8900A-IQ3 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - CS8900A-IQ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A_01 Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
CS8920A CIRRUS-CS8920A Datasheet
1Mb / 144P
   CRYSTAL LAN ISA PLUG-AND-PLAY ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
   PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
List of Unclassifed Man...
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
   FAST ETHERNET PCMCIA LAN CONTROLLER
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com