Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DBG150G Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce DBG150G
Description  Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBG150G Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  DBG150G Datasheet HTML 1Page - Sanyo Semicon Device DBG150G Datasheet HTML 2Page - Sanyo Semicon Device DBG150G Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBG150G
No. A0700-2/3
Package Dimensions
Electrical Connection
unit : mm (typ)
7804-001
2.5
2.2
1.0
10.0
7.5
7.5
+
-
4.6
2.7
0.7
3.6
30.0
3.2
Forward Voltage, VF -- V
IF -- VF
Average Output Current, IO -- A
PF -- IO
Case Temperature, Tc --
°C
IO -- Tc
Number of Cycles, n
IFSM -- n
0.1
0.2
0.4
0.6
0
1.0
2
7
5
3
2
100
2
7
5
3
2
10
7
5
3
1.6
1.4
0.8
1.0
1.2
IT12119
24
8
12
610
14
16
0
5
0
10
15
20
25
30
IT12121
SIN
20
40
60
80
120
140
100
0
5
0
10
15
20
160
IT12120
SIN
Tj=150
°C
23
1.0
10
200
300
100
50
250
150
0
7
52
3
100
7
5
IT12122
Tj=25
°C
50Hz


Numéro de pièce similaire - DBG150G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DBG15PNBT ETC2-DBG15PNBT Datasheet
745Kb / 6P
   PCB layouts
DBG15PNBT ETC2-DBG15PNBT Datasheet
745Kb / 6P
   PCB layouts
DBG15PNBTD ETC2-DBG15PNBTD Datasheet
745Kb / 6P
   PCB layouts
DBG15PNBTD ETC2-DBG15PNBTD Datasheet
811Kb / 6P
   Plug viewed from above, socket viewed from below.
DBG15PWBT ETC2-DBG15PWBT Datasheet
745Kb / 6P
   PCB layouts
More results

Description similaire - DBG150G

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
DBA500G SANYO-DBA500G Datasheet
48Kb / 3P
   Diffused Junction Silicon Diode 50A Single-Phase Bridge Rectifier
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
   Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
DBD250 SANYO-DBD250 Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode 25.0A Single-Phase Bridge Rectifier
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Sanyo Semicon Device
DBF150 SANYO-DBF150_10 Datasheet
44Kb / 3P
   15A Single-Phase Bridge Rectifier
logo
TAITRON Components Inco...
MB1505W TAITRON-MB1505W Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
MB1505 TAITRON-MB1505 Datasheet
144Kb / 4P
   15A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
KBPC15P WTE-KBPC15P Datasheet
55Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
KBPC15S WTE-KBPC15S Datasheet
66Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
MP1500 WTE-MP1500_06 Datasheet
70Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com