Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UZZ7000T Datasheet(Fiches technique) 4 Page - NXP Semiconductors

Numéro de pièce UZZ7000T
Description  Trigger amplifier with two wire current interface
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

   
 4 page
background image
2000 Sep 05
4
Philips Semiconductors
Preliminary specification
Trigger amplifier with two wire current interface
UZZ7000T
CHARACTERISTICS
Tamb =26 °C; VVAC = 12 V; unless otherwise specified.
Notes
1. Input hysteresis voltage is the difference between higher and lower switching point referred to input.
2. Temperature dependence of voltage hysteresis; see Fig.3.
3. Output pins are designed for electrostatic sensitivity with field strengths up to 2 kV according to Human Body
Model (HBM), MIL-STD-883, method 3015.
4. Differential input pins are designed for electrostatic sensitivity with field strengths up to 0.3 kV according to Human
Body Model (HBM), MIL-STD-883, method 3015.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply conditions
IVAC(L)
DC supply current
Tamb ± 10 °C
5.6
7
8.4
mA
IVAC(H)
DC supply current
Tamb ± 10 °C
11.2
14
16.8
mA
VVAC
DC supply voltage
Tamb = −40 to +150 °C
5.5
12
15
V
Signal input characteristics
frm
input frequency range
0
25000
Hz
VSA
maximum input voltage range
−0.5
7V
operating input voltage range
2.4
2.6
V
VSB
maximum input voltage range
−0.5
7V
operating input voltage range
2.4
2.6
V
VOFF
input offset voltage
Tamb ± 10 °C
−2.1
2.1
mV
IBIAS
input bias current
VSA -VSB = 0
0.14
0.5
1.6
µA
IOFF
input offset current
VSA -VSB =0
−75
75
nA
VHYS
input hysteresis voltage
at Tamb; notes 1 and 2
5.4
6
6.9
mV
Bridge supply output characteristics
VVP
DC bridge supply voltage
4.7
4.9
5
V
IVP
DC bridge supply current
−−−4.3
mA
Environmental conditions
ESD protection of output pins VAC
and GND
compliance to
IEC 0801-2 (IV); note 3
2
−−
kV
ESD protection of sensor interface
pins SA, SB and VP
compliance to
IEC 0801-2 (IV); note 4
0.3
−−
kV




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTexas Instruments
TDA8565Q4 x 12 W single-ended car radio power amplifier with diagnostic interface 1 2 3 4 5 MoreNXP Semiconductors
NJM2384DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER 1 2 3 4 5 MoreNew Japan Radio
EL5493Quad 300MHz Current Feedback Amplifier with Enable 1 2 3 4 5 MoreIntersil Corporation
33975Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current 1 2 3 4 5 MoreFreescale Semiconductor, Inc
HS-1120RHRadiation Hardened Ultra High Speed Current Feedback Amplifier with Offset Adjust 1 2 3 4 5 MoreIntersil Corporation
CD1284IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports 1 2 3 4 5 MoreIntel Corporation
HS-1135RHRadiation Hardened High Speed Low Power Current Feedback Amplifier with Programmable Output Limiting 1 2 3 4 5 Intersil Corporation
KA2140BR/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS 1 2 3 Samsung semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl