Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM358 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LM358
Description  Single Supply Dual Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358 Fiches technique(HTML) 4 Page - ON Semiconductor

  LM358_04 Datasheet HTML 1Page - ON Semiconductor LM358_04 Datasheet HTML 2Page - ON Semiconductor LM358_04 Datasheet HTML 3Page - ON Semiconductor LM358_04 Datasheet HTML 4Page - ON Semiconductor LM358_04 Datasheet HTML 5Page - ON Semiconductor LM358_04 Datasheet HTML 6Page - ON Semiconductor LM358_04 Datasheet HTML 7Page - ON Semiconductor LM358_04 Datasheet HTML 8Page - ON Semiconductor LM358_04 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM258
LM358
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC = 5.0 V to 30 V, VIC = 0 V to VCC −1.7 V,
VO ] 1.4 V, RS = 0 W
VIO
mV
TA = 25°C
2.0
5.0
2.0
7.0
TA = Thigh (Note 5)
7.0
9.0
TA = Tlow (Note 5)
7.0
9.0
Average Temperature Coefficient of Input Offset
Voltage
DVIO/DT
7.0
7.0
mV/°C
TA = Thigh to Tlow (Note 5)
Input Offset Current
IIO
3.0
30
5.0
50
nA
TA = Thigh to Tlow (Note 5)
100
150
Input Bias Current
IIB
−45
−150
−45
−250
TA = Thigh to Tlow (Note 5)
−50
−300
−50
−500
Average Temperature Coefficient of Input Offset
Current
DIIO/DT
10
10
pA/
°C
TA = Thigh to Tlow (Note 5)
Input Common Mode Voltage Range (Note 6),
VCC = 30 V
VICR
0
28.3
0
28.3
V
VCC = 30 V, TA = Thigh to Tlow
0
28
0
28
Differential Input Voltage Range
VIDR
VCC
VCC
V
Large Signal Open Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW, VCC = 15 V, For Large VO Swing,
50
100
25
100
TA = Thigh to Tlow (Note 5)
25
15
Channel Separation
CS
−120
−120
dB
1.0 kHz
≤ f ≤ 20 kHz, Input Referenced
Common Mode Rejection
CMR
70
85
65
70
dB
RS ≤ 10 kW
Power Supply Rejection
PSR
65
100
65
100
dB
Output Voltage−High Limit
TA = Thigh to Tlow (Note 5)
VOH
V
VCC = 5.0 V, RL = 2.0 kW, TA = 25°C
3.3
3.5
3.3
3.5
VCC = 30 V, RL = 2.0 kW
26
26
VCC = 30 V, RL = 10 kW
27
28
27
28
Output Voltage−Low Limit
VOL
5.0
20
5.0
20
mV
VCC = 5.0 V, RL = 10 kW,
TA = Thigh to Tlow (Note 5)
Output Source Current
IO +
20
40
20
40
mA
VID = +1.0 V, VCC = 15 V
Output Sink Current
IO −
VID = −1.0 V, VCC = 15 V
10
20
10
20
mA
VID = −1.0 V, VO = 200 mV
12
50
12
50
mA
Output Short Circuit to Ground (Note 7)
ISC
40
60
40
60
mA
Power Supply Current (Total Device)
TA = Thigh to Tlow (Note 5)
ICC
mA
VCC = 30 V, VO = 0 V, RL = ∞
1.5
3.0
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
0.7
1.2
5. LM258: Tlow = −25°C, Thigh = +85°C
LM358: Tlow = 0°C, Thigh = +70°C
LM2904/LM2904A: Tlow = −40°C, Thigh = +105°C
LM2904V & NCV2904: Tlow = −40°C, Thigh = +125°C
NCV2904 is qualified for automotive use.
6. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC − 1.7 V.
7. Short circuits from the output to VCC can cause excessive heating and eventual destruction. Destructive dissipation can result from
simultaneous shorts on all amplifiers.


Numéro de pièce similaire - LM358_04

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM358 UTC-LM358_05 Datasheet
258Kb / 7P
   DUAL OPERATIONAL AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM358 HTC-LM358_08 Datasheet
118Kb / 4P
   DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - LM358_04

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com