Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3807C Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce 2SC3807C
Description  NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3807C Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  2SC3807C Datasheet HTML 1Page - Sanyo Semicon Device 2SC3807C Datasheet HTML 2Page - Sanyo Semicon Device 2SC3807C Datasheet HTML 3Page - Sanyo Semicon Device 2SC3807C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3807C
No. A0439-3/4
Ta=75°C
25°C
--25°C
1000
5
5
3
2
7
0.01
3
25
0.1
72
3
2
3
5
1.0
7
VCE=5V
IT11144
IT11147
10
5
3
100
2
7
IT11146
3
1.0
2
2
3
Ta= --25°C
25°C
75°C
7
5
IT11148
0.01
3
25
0.1
72
3
2
3
5
1.0
7
100
2
3
7
5
7
3
2
5
0.1
5
37 1.0
22
5
32
5
3
7
10
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.1
0.01
5
7
7
5
3
2
7
5
3
2
IT11145
IC / IB=50
Ta=75
°C
--25
°C
25°
C
VCE=10V
f=1MHz
IC / IB=50
0.1
1.0
5
7
7
2
5
3
7
2
5
3
10
10
1.0
23
5
3
5
72
ICP=4A
IC=2A
ITR06041
100ms
IT11173
0
0.2
0.4
1.0
1.2
0.6
0.8
1.4
20
060
40
80
100
120
140
160
IT11172
0
16
12
14
15
10
8
6
4
2
20
060
40
80
100
140
120
160
Collector Current, IC -- A
hFE -- IC
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
Case Temperature, Tc --
°C
PC -- Tc
No
heat
sink


Numéro de pièce similaire - 2SC3807C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC3807 SANYO-2SC3807 Datasheet
84Kb / 3P
   High-hFE, Low-Frequency General-Purpose Amp Applications?????????
logo
SHENZHEN YONGERJIA INDU...
2SC3807 WINNERJOIN-2SC3807 Datasheet
177Kb / 2P
   TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC3807 FOSHAN-2SC3807 Datasheet
435Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
logo
Sanyo Semicon Device
2SC3807MP SANYO-2SC3807MP Datasheet
49Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
More results

Description similaire - 2SC3807C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC3807MP SANYO-2SC3807MP Datasheet
49Kb / 4P
   NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
EC4201KF SANYO-EC4201KF Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications
2SC3651 SANYO-2SC3651_1 Datasheet
112Kb / 3P
   High hFE, Low-Frequency General-Purpose Amplifier Applications
logo
Nanjing International G...
2SC3650 DGNJDZ-2SC3650 Datasheet
465Kb / 3P
   High hFE,Low-Frequency General-Purpose Amplifier Applications
logo
Sanyo Semicon Device
7MP05SF SANYO-7MP05SF Datasheet
34Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Frequency General-Purpose Amplifier Applications
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
CPH6519 SANYO-CPH6519 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier, Driver Applications
CPH6530 SANYO-CPH6530 Datasheet
47Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose
2SC3576 SANYO-2SC3576 Datasheet
84Kb / 3P
   High-hFE, Low-Frequency General-Purpose Amp Applications???????
2SC3661 SANYO-2SC3661 Datasheet
76Kb / 3P
   High-hFE, Low-Frequency General-Purpose Amp Applications???????
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com