Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2312 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK2312
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2312 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK2312 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2312 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2312 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2312 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2312 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2312 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2312
2002-02-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
µA
Drain cut−off current
IDSS
VDS = 60 V, VGS = 0 V
100
µA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
2.0
V
VGS = 4 V, ID = 25 A
19
25
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 25 A
13
17
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
28
40
S
Input capacitance
Ciss
3350
Reverse transfer capacitance
Crss
550
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1600
pF
Rise time
tr
25
Turn−on time
ton
55
Fall time
tf
60
Switching time
Turn−off time
toff
180
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
110
Gate−source charge
Qgs
70
Gate−drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 45 A
40
nC
Source–Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
45
A
Pulse drain reverse current
(Note 1)
IDRP
180
A
Forward voltage (diode)
VDSF
IDR = 45 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
120
ns
Reverse recovered charge
Qrr
IDR = 45 A, VGS = 0 V
dIDR / dt = 50 A / µs
0.2
µC
Marking


Numéro de pièce similaire - 2SK2312

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2312 TOSHIBA-2SK2312 Datasheet
288Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2312 TOSHIBA-2SK2312 Datasheet
715Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SK2312 TOSHIBA-2SK2312 Datasheet
397Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2312 ISC-2SK2312 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results

Description similaire - 2SK2312

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK2952 TOSHIBA-2SK2952_09 Datasheet
423Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?−MOSV)Chopper Regulator Applications
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com