Moteur de recherche de fiches techniques de composants électroniques |
|
CS5351-DZZ Fiches technique(PDF) 4 Page - Cirrus Logic |
|
CS5351-DZZ Fiches technique(HTML) 4 Page - Cirrus Logic |
4 / 23 page 4 DS565F2 CS5351 1. CHARACTERISTICS AND SPECIFICATIONS (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical performance characteristics and specifications are derived from measurements taken at typical supply voltages and TA = 25°C.) SPECIFIED OPERATING CONDITIONS (GND = 0 V, all voltages with respect to 0 V.) ABSOLUTE MAXIMUM RATINGS (GND = 0 V, All voltages with respect to ground.) (Note 1) Notes: 1. Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. 2. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SCR latch-up. 3. The maximum over/under voltage is limited by the input current. Parameter Symbol Min Typ Max Unit DC Power Supplies: Positive Analog Positive Digital Positive Logic VA VD VL 4.75 3.1 2.37 5.0 3.3 3.3 5.25 5.25 5.25 V V V Ambient Operating Temperature Commercial (-KSZ/-KZZ) Automotive (-DZZ) TAC TAI -10 -40 - - 70 85 °C °C Parameter Symbol Min Max Units DC Power Supplies: Analog Logic Digital VA VL VD -0.3 -0.3 -0.3 +6.0 +6.0 +6.0 V V V Input Current (Note 2) Iin -10 +10 mA Analog Input Voltage (Note 3) VIN GND - 0.7 VA + 0.7 V Digital Input Voltage (Note 3) VIND -0.7 VL + 0.7 V Ambient Operating Temperature (Power Applied) TA -50 +95 °C Storage Temperature Tstg -65 +150 °C |
Numéro de pièce similaire - CS5351-DZZ |
|
Description similaire - CS5351-DZZ |