Moteur de recherche de fiches techniques de composants électroniques |
|
CDB4955A Fiches technique(PDF) 6 Page - Cirrus Logic |
|
CDB4955A Fiches technique(HTML) 6 Page - Cirrus Logic |
6 / 60 page CS4954 CS4955 6 DS278F6 1. CHARACTERISTICS AND SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS AC & DC PARAMETRIC SPECIFICATIONS (AGND,DGND = 0 V, all voltages with respect to 0 V) WARNING: Operating beyond these limits can result in permanent damage to the device. Normal operation is not guaranteed at these extremes. RECOMMENDED Operating Conditions (AGND,DGND = 0 V, all voltages with respect to 0 V.) Note: Operation outside the ranges is not recommended. THERMAL CHARACTERISTICS Note: Four-layer PCB recommended for operation in environments where TA > 70° C. DC CHARACTERISTICS (T A = 25° C; VAA, VDD = 5 V; GNDA, GNDD = 0 V.) Parameter Symbol Min Max Units Power Supply VAA/VDD -0.3 6.0 V Input Current Per Pin (Except Supply Pins) -10 10 mA Output Current Per Pin (Except Supply Pins) -50 +50 mA Analog Input Voltage -0.3 VAA + 0.3 V Digital Input Voltage -0.3 VDD + 0.3 V Ambient Temperature Power Applied -55 + 125 °C Storage Temperature -65 + 150 °C Parameter Symbol Min Typ Max Units Power Supplies: Digital Analog VAA/VDD 3.15 4.75 3.3 5.0 3.45 5.25 V Operating Ambient Temperature TA -40 +25 +85 °C Parameters Symbol Min Typ Max Units Allowable Junction Temperature - - 150 °C Junction to Ambient Thermal Impedance - - - (Four-layer PCB) TQFP θJA-TM -45 - °C/W (Two-layer PCB) TQFP θJA-TS -65 - Parameter Symbol Min Typ Max Units Digital Inputs High level Input Voltage V [7:0], PDAT [7:0], Hsync/Vsync/CLKIN VIH 2.2 - VDD+0.3 V High Level Input Voltage I²C VIH 0.7 VDD - - V Low level Input Voltage All Inputs - -0.3 - 0.8 V Input Leakage Current - -10 - +10 μA Digital Outputs High Level Output Voltage lo = -4 mA VOH 2.4 - VDD V Low level Output Voltage lo = 4 mA VOL - - 0.4 V |
Numéro de pièce similaire - CDB4955A |
|
Description similaire - CDB4955A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |