Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5321 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS5321
Description  24-bit, Variable-bandwidth A/D Converter Chipset
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS5321_06 Datasheet HTML 4Page - Cirrus Logic CS5321_06 Datasheet HTML 5Page - Cirrus Logic CS5321_06 Datasheet HTML 6Page - Cirrus Logic CS5321_06 Datasheet HTML 7Page - Cirrus Logic CS5321_06 Datasheet HTML 8Page - Cirrus Logic CS5321_06 Datasheet HTML 9Page - Cirrus Logic CS5321_06 Datasheet HTML 10Page - Cirrus Logic CS5321_06 Datasheet HTML 11Page - Cirrus Logic CS5321_06 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS5321/22
8
DS454F3
CS5322 FILTER CHARACTERISTICS (T
A = (See Note 1); VD+ = 5.0 V; GND = 0 V;
CLKIN = 1.024 MHz; transfer function shown in Figure 3; unless otherwise specified.)
Notes: 22. GSB = -130 dB for all Output Word Rates.
Output Word Rate
f0 (Hz)
Passband f1
(Hz)
Passband Flatness
RPB (dB)
-3dB Freq. f2
(Hz)
Stopband f3 (Hz)
(Note 22)
Group Delay
(ms)
4000
2000
1000
500
250
125
62.5
1500
750
375
187.5
93.8
46.9
23.4
0.2
0.04
0.08
0.1
0.1
0.1
0.1
1652.5
824.3
411.9
205.9
102.9
51.5
25.7
2000
1000
500
250
125
62.5
31.25
7.25
14.5
29
58
116
232
464
f1
f2
f3
f
dB
0
G SB
-13 0
-3
Figure 3. CS5322 Filter Response
Figure 4. CS5322 Digital Filter Passband Ripple
f0 = 62.5 Hz
Figure 5. CS5322 Digital Filter Passband Ripple
f0 = 125 Hz
Figure 6. CS5322 Digital Filter Passband Ripple
f0 = 250 Hz


Numéro de pièce similaire - CS5321_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5321-BL CIRRUS-CS5321-BL Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BL CIRRUS-CS5321-BL Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-BL1 CIRRUS-CS5321-BL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321-BLZ CIRRUS-CS5321-BLZ Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
CS5321-KL1 CIRRUS-CS5321-KL1 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
More results

Description similaire - CS5321_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5320 CIRRUS-CS5320 Datasheet
785Kb / 38P
   24-Bit Variable Bandwidth A/D Converter Chipset
CS5321 CIRRUS-CS5321 Datasheet
653Kb / 36P
   24-bit, Variable-bandwidth A/D Converter Chipset
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com