Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4525-CNZ Fiches technique(PDF) 2 Page - Cirrus Logic

No de pièce CS4525-CNZ
Description  30 W Digital Audio Amplifier with Integrated ADC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525-CNZ Fiches technique(HTML) 2 Page - Cirrus Logic

  CS4525-CNZ Datasheet HTML 1Page - Cirrus Logic CS4525-CNZ Datasheet HTML 2Page - Cirrus Logic CS4525-CNZ Datasheet HTML 3Page - Cirrus Logic CS4525-CNZ Datasheet HTML 4Page - Cirrus Logic CS4525-CNZ Datasheet HTML 5Page - Cirrus Logic CS4525-CNZ Datasheet HTML 6Page - Cirrus Logic CS4525-CNZ Datasheet HTML 7Page - Cirrus Logic CS4525-CNZ Datasheet HTML 8Page - Cirrus Logic CS4525-CNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
DS726PP1
CS4525
Software Mode System Features
Digital Audio Processing
– 5 Programmable Parametric EQ Filters
– Selectable High-Pass Filter
– Bass/Treble Tone Control
– Adaptive Loudness Compensation
– 2-Channel Mixer
– 2.1 Bass Management
– 24 dB/octave Linkwitz-Riley Crossover
Filters
– De-emphasis Filter
Selectable Serial Audio Interface Formats
– Left-Justified up to 24-bit
– I²S up to 24-bit
– Right-Justified 16-, 18-, 20-, 24-bits
Digital Serial Connection to Additional CS4525
or DACs for Subwoofer
Digital Interface to External Lip-Sync Delay
PWM Switch Rate Shifting Eliminates AM
Frequency Interference
Digital Volume Control with Soft ramp
– +24 to -103 dB in 0.5 dB steps
Programmable Peak Detect and Limiter
2-Channel Logic-Level PWM Output
– Programmable Channel Mapping
– Can Drive an External PWM Amplifier,
Headphone Amplifier, or Line-Out Amplifier
– Integrated Headphone Detection
Flexible Power Output Configurations
Thermal Foldback for Interruption-Free
Power-Stage Protection
– Supports Internal and External Power
Stages
Operation from On-Chip Oscillator Driver or
Applied Systems Clock
Supports I²C® Host Control Interface
Hardware Mode System Features
2-Channel Stereo Full-Bridge Power Outputs
Analog and Digital Inputs
I²S and Left-Justified Serial Input Formats
Thermal Foldback for Interruption-Free
Protection of Internal Power Stage
Operation from Applied Systems Clock
External Mute Input
Common Applications
Integrated Digital TV’s
Flat Panel TV Monitors
Computer/TV Monitors
Mini/Micro Shelf Systems
Digital Powered Speakers
Portable Docking Stations
Computer Desktop Audio
General Description
The CS4525 is a stereo analog or digital input PWM
high efficiency Class D amplifier audio system with an
integrated stereo analog-to-digital (A/D) converter. The
stereo power amplifiers can deliver up to 15 W per
channel into 8
Ω speakers from a small space-saving
48-pin QFN package. The PWM amplifier can achieve
greater than 85% efficiency. The package is thermally
enhanced for optimal heat dissipation which eliminates
the need for a heatsink.
The power stage outputs can be configured as two full-
bridge channels for 2 x 15 W operation, two half-bridge
channels
and
one
full-bridge
channel
for
2 x 7 W + 1 x 15 W operation, or one parallel full-bridge
channel for 1 x 30 W operation. The CS4525 integrates
on-chip over-current, under-voltage, and over-tempera-
ture protection and error reporting as well as a thermal
warning indicator and programmable foldback of the
output power to allow cooling.
The main digital serial port on the CS4525 can support
asynchronous operation with the integrated on-chip
sample rate converter (SRC) which eases system inte-
gration. The SRC allows for a fixed PWM switching
frequency regardless of incoming sample rate as well
as optimal clocking for the A/D modulators.
An on-chip oscillator driver eliminates the need for an
external crystal oscillator circuit, reducing overall design
cost and conserving circuit board space. The CS4525
automatically uses the on-chip oscillator driver in the
absence of an applied master clock.
The CS4525 is available in a 48-pin QFN package in
Commercial grade (-10° to +70° C). The CRD4525-Q1
4-layer, 1 oz. copper and CRD4525-D1 2-layer, 1 oz.
copper customer reference designs are also available.
Please refer to “Ordering Information” on page 97 for
complete ordering information.


Numéro de pièce similaire - CS4525-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4525-CNZ CIRRUS-CS4525-CNZ Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525-CNZR CIRRUS-CS4525-CNZR Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
More results

Description similaire - CS4525-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
   30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525 Datasheet
1Mb / 91P
   30 W Digital TV Amplifier with Integrated ADC
logo
Texas Instruments
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
[Old version datasheet]   10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5731M TI1-TAS5731M Datasheet
1Mb / 68P
[Old version datasheet]   2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
NXP Semiconductors
TDA8551_T PHILIPS-TDA8551_T_15 Datasheet
166Kb / 18P
   1 W BTL audio amplifier with digital volume control
1998 Feb 23
logo
Texas Instruments
TAS5704PAPR TI1-TAS5704PAPR Datasheet
1Mb / 39P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
TAS5704 TI-TAS5704 Datasheet
741Kb / 34P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier With Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98