Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3201S-56 Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KIC3201S-56
Description  CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-56 Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KIC3201S-56 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-56 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-56 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-56 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-56 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3201S-56 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2006. 12. 11
4/6
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 6
Electrical Characteristics
(Unless otherwise stated, Ta=25
, VIN = VOUT + 1.0V)
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
Power Dissipation(Note)
PD (SOT-89)
900
mW
PD (TSM)
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65 ~ 150
Note) Package mounted on a ceramic board (600
0.8
)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
IOUT=40mA
VIN=VOUT + 1V
VOUT
0.98
VOUT
VOUT
1.02
V
Maximum Output Current
IOUT(MAX)
VOUT=1.2V~1.5V
VOUT 0.9
VIN=2.5V
400
-
-
mA
VOUT=1.6V~2.4V
VOUT 0.9
VIN=VOUT+1V
VOUT=2.5V~2.9V
VOUT 0.93
VIN=VOUT+1V
VOUT=3.0V~6.0V
VOUT 0.96
VIN=VOUT+1V
Load Regulation
Reg Load
1mA
IOUT 200mA
VIN=VOUT+1V
-
40
100
mV
Dropout Voltage
VD1
VOUT =1.8~2.4V, IOUT = 100mA
-
200
300
mV
VOUT =2.5~2.9V, IOUT = 100mA
-
170
250
VOUT =3.0~4.9V, IOUT = 100mA
-
150
220
VOUT =5.0~6.0V, IOUT = 100mA
-
100
180
VD2
VOUT =1.8~2.4V, IOUT = 200mA
-
400
600
mV
VOUT =2.5~2.9V, IOUT = 200mA
-
320
500
VOUT =3.0~4.9V, IOUT = 200mA
-
300
420
VOUT =5.0~6.0V, IOUT = 200mA
-
200
320
Supply Current
IDD
VIN=VOUT(T)+1V
-
8
16
Line Regulations
Reg Line
VOUT +1.0V VIN 8V
IOUT=40mA
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
10
V
Output Voltage
Temperature Characteristics
VOUT
TOPR VOUT
IOUT=40mA
-40
TOPR 85
-
100
-
ppm/
Short Circuit Current
ISC
VIN =VOUT+1V,
VOUT = 0V
-
50
-
mA


Numéro de pièce similaire - KIC3201S-56

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3201S-56 KEC-KIC3201S-56 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-56 KEC-KIC3201S-56 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-56 KEC-KIC3201S-56 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Description similaire - KIC3201S-56

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
logo
List of Unclassifed Man...
78D05 ETC-78D05 Datasheet
59Kb / 6P
   LINEAR INTEGRATED CIRCUIT 3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE953 NTE-NTE953 Datasheet
28Kb / 4P
   Linear Integrated Circuit 4-Terminal Positive Adjustable Voltage Regulator
logo
KEC(Korea Electronics)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com