Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4345-CZZ Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS4345-CZZ
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4345-CZZ Fiches technique(HTML) 5 Page - Cirrus Logic

  CS4345-CZZ Datasheet HTML 1Page - Cirrus Logic CS4345-CZZ Datasheet HTML 2Page - Cirrus Logic CS4345-CZZ Datasheet HTML 3Page - Cirrus Logic CS4345-CZZ Datasheet HTML 4Page - Cirrus Logic CS4345-CZZ Datasheet HTML 5Page - Cirrus Logic CS4345-CZZ Datasheet HTML 6Page - Cirrus Logic CS4345-CZZ Datasheet HTML 7Page - Cirrus Logic CS4345-CZZ Datasheet HTML 8Page - Cirrus Logic CS4345-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DS613F1
5
CS4344/5/6/8
2. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltage
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(AGND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(AGND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
VA
4.75
3.00
5.0
3.3
5.25
3.47
V
V
Specified Temperature Range
-CZZ
-DZZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
VA
-0.3
6.0
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VA+0.4
V
Ambient Operating Temperature (power applied)
Top
-55
125
°C
Storage Temperature
Tstg
-65
150
°C


Numéro de pièce similaire - CS4345-CZZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4345-CZZ CIRRUS-CS4345-CZZ Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results

Description similaire - CS4345-CZZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com