Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4341A-KS Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CS4341A-KS
Description  24-Bit, 192 kHz Stereo DAC with Volume Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341A-KS Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CS4341A-KS Datasheet HTML 2Page - Cirrus Logic CS4341A-KS Datasheet HTML 3Page - Cirrus Logic CS4341A-KS Datasheet HTML 4Page - Cirrus Logic CS4341A-KS Datasheet HTML 5Page - Cirrus Logic CS4341A-KS Datasheet HTML 6Page - Cirrus Logic CS4341A-KS Datasheet HTML 7Page - Cirrus Logic CS4341A-KS Datasheet HTML 8Page - Cirrus Logic CS4341A-KS Datasheet HTML 9Page - Cirrus Logic CS4341A-KS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS4341A
6
DS582F2
2.
TYPICAL CONNECTION DIAGRAM
13
Serial Audio
Data
Processor
External Clock
MCLK
AGND
AOUTB
CS4341A
SDIN
LRCK
VA
AOUTA
3
4
5
14
0.1 µF
+
1µF
12
+3.3V or +5.0V
3.3 µF
3.3 µF
10 k
C
C
560
560
+
+
Micro-
Controlled
Configuration
8
6
7
SCLK
1
2
SCL/CCLK
SDA/CDIN
AD0/CS
RST
MUTEC 16
OPTIONAL
MUTE
CIRCUIT
15
1µF
0.1 µF
Audio
Output A
Audio
Output B
R L
R L
+
+
10 k
.1 µF
1µF
9
10
11
REF_GND
FILT+
VQ
C=
4πFs(R 560)
L
R560
L +
Figure 1. Typical Connection Diagram


Numéro de pièce similaire - CS4341A-KS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Description similaire - CS4341A-KS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com