Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4334-KSZ Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS4334-KSZ
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334-KSZ Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS4334-KSZ Datasheet HTML 5Page - Cirrus Logic CS4334-KSZ Datasheet HTML 6Page - Cirrus Logic CS4334-KSZ Datasheet HTML 7Page - Cirrus Logic CS4334-KSZ Datasheet HTML 8Page - Cirrus Logic CS4334-KSZ Datasheet HTML 9Page - Cirrus Logic CS4334-KSZ Datasheet HTML 10Page - Cirrus Logic CS4334-KSZ Datasheet HTML 11Page - Cirrus Logic CS4334-KSZ Datasheet HTML 12Page - Cirrus Logic CS4334-KSZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CS4334/5/8/9
DS248F3
9
SWITCHING CHARACTERISTICS
Notes: 9. In Internal SCLK Mode, the Duty Cycle must be 50%
+/− 1/2 MCLK Period.
10. The SCLK / LRCK ratio may be either 32, 48, or 64. This ratio depends on part type and MCLK/LRCK
ratio. (See figures 10-13)
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Fs
2
-
100
kHz
MCLK Pulse Width High
MCLK/LRCK = 512
10
-
1000
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
10
-
1000
ns
MCLK Pulse Width High MCLK / LRCK = 384 or 192
21
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 384 or 192
21
-
1000
ns
MCLK Pulse Width High MCLK / LRCK = 256 or 128
31
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 256 or 128
31
-
1000
ns
External SCLK Mode
LRCK Duty Cycle (External SCLK only)
40
50
60
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
Base-Rate Mode
MCLK / LRCK = 512, 256 or 384
tsclkw
--
ns
SCLK Period
High-Rate Mode
MCLK / LRCK = 128 or 192
tsclkw
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
Internal SCLK Mode
LRCK Duty Cycle (Internal SCLK only)
(Note 9)
-
50
-
%
SCLK Period
(Note 10)
tsclkw
--
ns
SCLK rising to LRCK edge
tsclkr
--
µs
SDATA valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 512, 256 or 128
tsdh
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 384 or 192
tsdh
--
ns
1
128
()Fs
----------------------
1
64
()Fs
-------------------
1
SCL K
-----------------
tsclkw
2
------------------
1
512
()Fs
----------------------10
+
1
512
()Fs
----------------------15
+
1
384
()Fs
----------------------15
+


Numéro de pièce similaire - CS4334-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4334-KSZ CIRRUS-CS4334-KSZ Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Description similaire - CS4334-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com