Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC3210T-026 Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KIC3210T-026
Description  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-026 Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KIC3210T-026 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-026 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-026 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-026 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-026 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2006. 10. 24
4/5
KIC3210T-025 ~ KIC3210T-035
Revision No : 3
INPUT VOLTAGE VIN (V)
FREQUENCY (Hz)
60
40
50
70
10
0
30
20
101
102
103
104
105
106
60
20
0
80
40
100
140
120
1.0
0
0.5
1.5 2.0
3.0 3.5 4.0 4.5
2.5
5.0
Fig. 1 R.R
Fig. 2 VIN - IGND
INPUT VOLTAGE VIN (V)
1.5
0.5
0
2.0
1.0
2.5
3.5
3.0
1.0
0
0.5
1.5 2.0
3.0 3.5 4.0 4.5
2.5
5.0
Fig. 3 VIN - VOUT
0.6
0.2
0
0.8
0.4
0.1
0.14
0.12
0
-40 -20
20
40
80
100 120 140
60
Fig. 4 Ta - VDROP
ILOAD = 100µA
ILOAD = 100µA
150mA*
100mA*
50mA*
100
µA*
*ILOAD
COUT=1µF Ceramic
ILOAD =100µA
ILOAD =150mA
TEMPERTURE Ta ( C)
3.01
2.99
2.97
2.98
2.96
2.95
3.02
3.00
3.03
3.05
3.04
0
-40 -20
20
40
80
100 120 140
60
Fig. 5 Ta - VOUT
Fig. 6 Line Transient Response
ILOAD = 100µA
TEMPERTURE Ta ( C)
CIN = 1µF Ceramic
COUT = 1µF Ceramic
CBYP = 0.01µF
IOUT=100µA
TIME (400
µs/div)
4V
5V


Numéro de pièce similaire - KIC3210T-026

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3210T-026 KEC-KIC3210T-026 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
More results

Description similaire - KIC3210T-026

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com