Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4299 Fiches technique(PDF) 40 Page - Cirrus Logic

No de pièce CS4299
Description  CrystalClear SoundFusion Audio Codec 97
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Fiches technique(HTML) 40 Page - Cirrus Logic

Back Button CS4299_06 Datasheet HTML 36Page - Cirrus Logic CS4299_06 Datasheet HTML 37Page - Cirrus Logic CS4299_06 Datasheet HTML 38Page - Cirrus Logic CS4299_06 Datasheet HTML 39Page - Cirrus Logic CS4299_06 Datasheet HTML 40Page - Cirrus Logic CS4299_06 Datasheet HTML 41Page - Cirrus Logic CS4299_06 Datasheet HTML 42Page - Cirrus Logic CS4299_06 Datasheet HTML 43Page - Cirrus Logic CS4299_06 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
CS4299
40
7. SONY/PHILIPS DIGITAL
INTERFACE (S/PDIF)
The S/PDIF digital output is used to interface the
CS4299 to consumer audio equipment external to
the PC. This output provides an interface for stor-
ing digital audio data or playing digital audio data
to digital speakers. Figure 20 illustrates the circuits
necessary for implementing the IEC-958 optical or
consumer interface. For further information on
S/PDIF operation see application note AN22: Over-
view of Digital Audio Interface Data Structures [3].
For further information on S/PDIF recommended
transformers see application note AN134: AES and
S/PDIF Recommended Transformers [4].
8. GROUNDING AND LAYOUT
Figure 21 on page 41 shows the conceptual layout
for the CS4299. The decoupling capacitors should
be located physically as close to the pins as possi-
ble. Also note the connection of the REFFLT de-
coupling capacitors to the ground return trace
connected directly to the ground return pin, AVss1.
It is strongly recommended that separate analog
and digital ground planes be used. Separate ground
planes keep digital noise and return currents from
modulating the CS4299 ground potential and de-
grading performance. The digital ground pins
should be connected to the digital ground plane and
kept separate from the analog ground connections
of the CS4299 and any other external analog cir-
cuitry. All analog components and traces should be
located over the analog ground plane and all digital
components and traces should be located over the
digital ground plane.
The common connection point between the two
ground planes (required to maintain a common
ground voltage potential) should be located under
the CS4299. The AC-link digital interface connec-
tion traces should be routed such that the digital
ground plane lies underneath these signals (on the
internal ground layer). This applies along the entire
length of these traces from the AC ’97 controller to
the CS4299.
Refer to the Application Note AN18: Layout and
Design Rules for Data Converters and Other
Mixed Signal Devices [2] for more information on
layout and design rules.
1
2
3
4
5
6
0.1
µF
R
2
R
1
J1
DGND
DVdd
R
1
R
2
SPDO/SDO2
S/PDIF_OUT
TOTX-173
SPDO/SDO2
+5V_PCI
DGND
8.2 k
DGND
DGND
3.3V
247.5
107.6
5V
375
93.75
T
1
Figure 20. S/PDIF Output
40
DS319PP6
CS4299


Numéro de pièce similaire - CS4299_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQZ CIRRUS-CS4299-BQZ Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-JQ CIRRUS-CS4299-JQ Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-KQ CIRRUS-CS4299-KQ Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
More results

Description similaire - CS4299_06

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 80P
   CrystalClear Audio Codec 97 with Portable Computing
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com