Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UAA2080T Datasheet(Fiches technique) 20 Page - NXP Semiconductors

Numéro de pièce UAA2080T
Description  Advanced pager receiver
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 20 page
background image
1996 Jan 15
20
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
Battery LOW indicator
The battery LOW indicator senses the supply voltage and
sets its output HIGH when the supply voltage is less than
Vth (typically 2.05 V). Low battery warning is available at
BLI.
Band gap reference
The whole chip can be powered-up and powered-down by
enabling and disabling the band gap reference via the
receiver enable pin RE.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Ground pins GND1, GND2 and GND3 connected together.
Note
1. Equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+8.0
V
Ves
electrostatic handling (note 1)
pins VI1RF and VI2RF
−1500
+2000
V
pin RRFA
−500
+2000
V
pins VO1RF and VO2RF
−2000
+250
V
pins VP and OSB
−500
+500
V
pins OSC and OSE
−2000
+500
V
other pins
−2000
+2000
V
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature
−10
+70
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UAA2082Advanced pager receiver 1 2 3 4 5 MoreNXP Semiconductors
LT1080Advanced Low Power 5V RS232 Dual Driver/Receiver 1 2 3 4 5 MoreLinear Technology
LT12375V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown 1 2 3 4 5 MoreLinear Technology
BCM4500ADVANCED MODULATION SATELLITE RECEIVER 1 Broadcom Corporation.
BCM3138DUAL UNIVERSAL ADVANCED TDMA PHY-LAYER BURST RECEIVER 1 2 Broadcom Corporation.
UAA3500HLPager receiver 1 2 3 4 5 MoreNXP Semiconductors
KA8515FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
KA8516FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
DS_S1T8515A01FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
S1T8515AFM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl