Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


UAA2080T Datasheet(Fiches technique) 14 Page - NXP Semiconductors

Numéro de pièce UAA2080T
Description  Advanced pager receiver
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 14 page
background image
1996 Jan 15
14
Philips Semiconductors
Product specification
Advanced pager receiver
UAA2080
PINNING (SO28)
SYMBOL PIN
DESCRIPTION
TPI
1
IF test point; I channel
TPQ
2
IF test point; Q channel
VI1RF
3
pre-amplifier RF input 1
VI2RF
4
pre-amplifier RF input 2
RRFA
5
external emitter resistor for
pre-amplifier
GND1
6
ground 1 (0 V)
VO2RF
7
pre-amplifier RF output 2
VO1RF
8
pre-amplifier RF output 1
VP
9
supply voltage
VI2MI
10
I channel mixer input 2
VI1MI
11
I channel mixer input 1
VI1MQ
12
Q channel mixer input 1
VI2MQ
13
Q channel mixer input 2
GND2
14
ground 2 (0 V)
COM
15
gyrator filter resistor; common line
RGYR
16
gyrator filter resistor
VO1MUL
17
frequency multiplier output 1
VO2MUL
18
frequency multiplier output 2
RMUL
19
external emitter resistor for frequency
multiplier
TDC
20
DC test point; no external connection
for normal operation
OSC
21
oscillator collector
GND3
22
ground 3 (0 V)
OSB
23
oscillator base; crystal input
OSE
24
oscillator emitter
TS
25
test switch; connection to ground for
normal operation
BLI
26
battery LOW indicator output
DO
27
data output
RE
28
receiver enable input
Fig.8 Pin configuration; SO28.
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
UAA2080T
TPI
TPQ
VI1RF
VI2RF
RRFA
GND1
VO2RF
VO1RF
VP
VI2MI
VI1MI
VI1MQ
VI2MQ
GND2
RE
DO
BLI
TS
OSE
OSB
GND3
OSC
TDC
RMUL
VO2MUL
VO1MUL
RGYR
COM
MBB972




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
UAA2082Advanced pager receiver 1 2 3 4 5 MoreNXP Semiconductors
LT1080Advanced Low Power 5V RS232 Dual Driver/Receiver 1 2 3 4 5 MoreLinear Technology
LT12375V RS232 Transceiver with Advanced Power Management and One Receiver Active in Shutdown 1 2 3 4 5 MoreLinear Technology
BCM4500ADVANCED MODULATION SATELLITE RECEIVER 1 Broadcom Corporation.
BCM3138DUAL UNIVERSAL ADVANCED TDMA PHY-LAYER BURST RECEIVER 1 2 Broadcom Corporation.
UAA3500HLPager receiver 1 2 3 4 5 MoreNXP Semiconductors
KA8515FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
KA8516FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
DS_S1T8515A01FM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor
S1T8515AFM IF RECEIVER FOR FLEX PAGER 1 2 3 4 5 MoreSamsung semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl