Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC-MBT6126 Fiches technique(PDF) 10 Page - Seoul Semiconductor

No de pièce SSC-MBT6126
Description  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MBT6126 Fiches technique(HTML) 10 Page - Seoul Semiconductor

Back Button SSC-MBT6126 Datasheet HTML 3Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 4Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 5Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 6Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 7Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 8Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 9Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 10Page - Seoul Semiconductor SSC-MBT6126 Datasheet HTML 11Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in a dry box (or a desiccator)
with a desiccant. Otherwise, to store them in the following environment is recommended.
Temperature : 5ºC ~30ºC Humidity : maximum 70%RH
(2) Attention after open.
LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect the light
transmission efficiency, causing the light intensity to drop. Attention in followed;
Keeping of a fraction
Temperature : 5 ~ 40ºC Humidity : less than 10%
(3) In the case of more than 1 week passed after opening or change color of indicator on desiccant,
components shall be dried 10-12hr. at 60±5ºC.
(4) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temperature after soldering.
(5) Quick cooling shall be avoided.
(6) Components shall not be mounted on warped direction of PCB.
(7) Anti radioactive ray design is not considered for the products.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent etc. When
washing is required, IPA should be used.
(9) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(10) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(11) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(12) The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 10/9 -
SSC-MBT722
SSC-QP-7-03-08(REV.00)


Numéro de pièce similaire - SSC-MBT6126

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-MBT801 SEOUL-SSC-MBT801 Datasheet
347Kb / 8P
   TOP LED DEVICE
More results

Description similaire - SSC-MBT6126

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com