Moteur de recherche de fiches techniques de composants électroniques |
|
SSC-KWT824 Fiches technique(PDF) 11 Page - Seoul Semiconductor |
|
SSC-KWT824 Fiches technique(HTML) 11 Page - Seoul Semiconductor |
11 / 11 page 12. RELIABILITY (1) TEST ITEMS AND RESULTS TEST ITEM Test conditions Test Time Number of Damaged Judgment Resistance to Soldering Heat*1 Tsld = 260℃, 10 sec. 1 Time 0 /22 OK. Solderability*1 Tsld = 215±5℃, 5 sec. 1 Time 0 /22 OK. Thermal Shock*1 -30℃ (30 min) ~ 85℃(30 min) Transfer 5 min 100 cycles 0 /22 OK. High Temperature Storage*1 Ta = 100℃ 1000 hrs. 0 /22 OK. Humidity Heat Load*1 Ta = 85℃, RH = 85% 1000 hrs. 0 /22 OK. Steady State Life Test Ta = 25℃, IF = 20 mA/die 300 hrs 0 /22 OK. High Humidity Heat Life Test Ta = 85℃, RH = 85%, IF = 10 mA/die 300 hrs 0 /22 OK. Low Temperature Life Test Ta = -30℃, IF = 20 mA/die 300 hrs 0 /22 OK. Pulse Life Test Ta = 60℃, RH = 90% On=2 sec,Off=2sec IF = 30 mA/die 100,000 cycle 0 /22 OK. *1 Faulty decision of this test item is made by On / Off after the test. (2) CRITERIA FOR JUDGING THE DAMAGE Criteria for Judgement Item Symbol Test Condition Min. Max. Forward Voltage VF IF = 20 mA/die L.S.L×1.2 U.S.L×1.2 Reverse Current IR VR = 5 V/die - U.S.L×2.0 Luminous Intensity IV IF = 20 mA/die L.S.L×0.5 - U.S.L. : Upper Standard Level L.S.L. : Lower Standard Level (3)ESD guarantee condition Item Test Condition Criteria for Judgement Test Form HBM 1000 V IR =100 ㎂ and below CONTACT SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537 - 11/11 SSC-KWT824 SSC-QP-0401-06(REV0.0) Copyrightⓒ 2003 Seoul Semiconductor Co.,Ltd. All right reserved. ※본 문서는 당사의 정보자산이므로, 불법 유출시 관계법과 회사규정에 의해 처벌됩니다. 205493/06.06.16 16:39/192.168.1.78 |
Numéro de pièce similaire - SSC-KWT824 |
|
Description similaire - SSC-KWT824 |