Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSA6060 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TSA6060
Description  Fast radio tuning PLL frequency synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA6060 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TSA6060 Datasheet HTML 7Page - NXP Semiconductors TSA6060 Datasheet HTML 8Page - NXP Semiconductors TSA6060 Datasheet HTML 9Page - NXP Semiconductors TSA6060 Datasheet HTML 10Page - NXP Semiconductors TSA6060 Datasheet HTML 11Page - NXP Semiconductors TSA6060 Datasheet HTML 12Page - NXP Semiconductors TSA6060 Datasheet HTML 13Page - NXP Semiconductors TSA6060 Datasheet HTML 14Page - NXP Semiconductors TSA6060 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1995 Nov 23
11
Philips Semiconductors
Product specification
Fast radio tuning PLL frequency
synthesizer
TSA6060
Fig.8 Application example; loop filter dependent on VCO and tuning speed.
For FM: VCO = 5 MHz/V; R2 = 10 k
Ω; C4 = 68 nF; C6 = 3.9 nF.
For AM: VCO = 0.75 MHz/V; R1 = 47 k
Ω; C3 = 440 nF; C5 = 0.47 nF.


Numéro de pièce similaire - TSA6060

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSA601M ETC-TSA601M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
TSA6057T PHILIPS-TSA6057T Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
StarHope
TSA60U SPSEMI-TSA60U Datasheet
120Kb / 5P
   TSA(240W) Series
More results

Description similaire - TSA6060

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
   Radio tuning PLL frequency synthesizer
November 1983
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
   Frequency Synthesizer for Radio Tuning
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com