Moteur de recherche de fiches techniques de composants électroniques |
|
AME1117CCCTZ Fiches technique(PDF) 9 Page - Analog Microelectronics |
|
AME1117CCCTZ Fiches technique(HTML) 9 Page - Analog Microelectronics |
9 / 19 page AME, Inc. Rev.S.02 9 AME1117 1A Low Dropout Positive Voltage Regulator Parameter Symbol Min Typ Max Units TJ=25 oC 1.238 1.250 1.262 TJ=0 oC to 70oC 1.225 1.250 1.275 Current Limit IS VIN = 2.7V to 7V TJ=0 oC to 70oC 1.0 1.5 - A Temp. Coefficient TC - 0.005 - %/ºC Temperature Stability TS VIN = 5V, IO = 100mA TJ=0 oC to 70oC - 0.5 % Minimum Load Current IO - 5.0 10 mA RMS Output Noise VN 10HZ<= f <=10KHZ TJ=25 oC - 0.003 - %VO Ripple Rejection Ratio RA VIN = 5V, IO = 1A TJ=0 oC to 70oC 60 72 - dB Adjust Pin Current Change ∆IADJ VIN = 5V VIN = 2.75V to 7V, IO = 10mA to 1A TJ=0 oC to 70oC µA VIN = 2.75V to 7V, IO = 10mA to 1A Load Regulation REGLOAD VDROPOUT 5.0 - 0.2 VIN = 2.75V to 7V, IO = 10mA to 1A V Test Condition Adjust Pin Current IADJ TJ=0 oC to 70oC Dropout Voltage VIN = 5V, IO = 10mA to 1A IO = 10mA to 1A, ∆Vo = ±1% VREF TJ=0 oC to 70oC V Line Regulation * REGLINE Reference Voltage VIN = 5V, IO = 10mA VIN = 4.75V to 7V, IO = 10mA % - - 0.2 0.1 1.0 - 1.2 1.4 - TJ=0 oC to 70oC TJ=0 oC to 70oC - 55 120 OUT ADJ IN V IN V OUT 10 µF Tan 10 µF Tan 164 100 *Line regulation test circuit n Electrical Specifications AME1117Axxx |
Numéro de pièce similaire - AME1117CCCTZ |
|
Description similaire - AME1117CCCTZ |