Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME1117BCBTZ Fiches technique(PDF) 2 Page - Analog Microelectronics

No de pièce AME1117BCBTZ
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117BCBTZ Fiches technique(HTML) 2 Page - Analog Microelectronics

  AME1117BCBTZ Datasheet HTML 1Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 2Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 3Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 4Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 5Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 6Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 7Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 8Page - Analog Microelectronics AME1117BCBTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AME, Inc.
2
1A Low Dropout
Positive Voltage Regulator
AME1117
Rev.S.02
n
Pin Configuration
AME1117
1. ADJ / GND
2. OUT (TAB)
3. IN
TO-220-3
Front View
SOT-223
Front View
TO-252-2
Front View
AME1117
1. ADJ / GND
2. OUT (TAB)
3. IN
AME1117
1. ADJ / GND
2. OUT(TAB)
3. IN
1
3
2
AME1117
AMExxxx
1
AME1117
2
3
1
3
2
AME1117
* Die Attach:
Conductive Epoxy
* Die Attach:
Conductive Epoxy
* Die Attach:
Conductive Epoxy


Numéro de pièce similaire - AME1117BCBTZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME1117BCBT AME-AME1117BCBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Description similaire - AME1117BCBTZ

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com