Moteur de recherche de fiches techniques de composants électroniques |
|
AME7730AEEY500Y Fiches technique(PDF) 5 Page - Analog Microelectronics |
|
AME7730AEEY500Y Fiches technique(HTML) 5 Page - Analog Microelectronics |
5 / 12 page AME, Inc. Rev.A.01 5 AME7730 100mA Regulated Charge Pump Parameter Symbol Min Typ Max Units Input Voltage VIN 2.7 5 V 4.8 5 5.2 4.8 5 5.2 Quiescent Current IQ 60 100 µA 0.01 1 2.5 Short Circuit Current Limit ISC 300 mA 25 30 Efficiency η 90 % Frequency fOSC 1.0 MHz EN Input Threshold High VEH 1.3 V EN Input Threshold Low VEL 0.6 V EN Input Current IEN 0.1 µA Over Temperature Shutdown OTS 160 oC Over Temperature Hysterisis OTH 20 oC mVp-p Oscillator Free Running VIN = 2.7V, IOUT = 50mA, VOUT = 5V VEN = VIN, VEN = GND VRIPPLE Shutdown Current 2.7V < VIN < 3.6V, IOUT = 0mA, VEN = 0 VIN = 2.7V, IOUT = 50mA, VOUT = 5V VIN = 3V, IOUT = 100mA, VOUT = 5V Ripple Voltage 1 ISHDN VIN = VEN = 3V, VOUT = GND Output Voltage IOUT <= 100mA, 3.0V < VIN < 5V 2.7V < VIN < 5V, IOUT = 0mA, VEN = VIN IOUT <= 50mA, 2.7V < VIN < 5V Test Conditions VOUT = 5.0V VOUT µA 3.6V < VIN < 5V, IOUT = 0mA, VEN = 0 V n Electrical Characteristics V IN = VEN = 3V, Cpump = 1µF, CIN = 10µF, COUT = 10µF, Typical values are at TA = 25 oC, unless otherwise noted. Note 1: Effective series resistance (ESR) of capacitors is < 0.1 Ω. |
Numéro de pièce similaire - AME7730AEEY500Y |
|
Description similaire - AME7730AEEY500Y |