Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC-HBTS901 Fiches technique(PDF) 8 Page - Seoul Semiconductor

No de pièce SSC-HBTS901
Description  CHIP LED DEVICE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HBTS901 Fiches technique(HTML) 8 Page - Seoul Semiconductor

Back Button SSC-HBTS901 Datasheet HTML 2Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 3Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 4Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 5Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 6Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 7Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 8Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 9Page - Seoul Semiconductor SSC-HBTS901 Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccator)
with a desiccant . Otherwise, to store them in the following environment is recommended.
Temperature : 5℃~30℃
Humidity : 60%HR max.
(2) Attention after opened
However LED is correspond SMD, when LED be soldered dip, interfacial separation may affect the
light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100Hr at 80±5℃ or 12Hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temp. after soldering.
(6) Quick cooling shall avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When
washing is required, IPA should be used.
(10) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more
after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage.
(12) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(14) The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 8/10
SSC-HBTS901
SSC-QP-0401-06


Numéro de pièce similaire - SSC-HBTS901

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-HBTGFR421 SEOUL-SSC-HBTGFR421 Datasheet
405Kb / 7P
   CHIP LED DEVICE
SSC-HBTGFR5210 SEOUL-SSC-HBTGFR5210 Datasheet
656Kb / 8P
   CHIP LED DEVICE
More results

Description similaire - SSC-HBTS901

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com