Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40190 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40190
Description  4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40190 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS40190 Datasheet HTML 1Page - Texas Instruments TPS40190 Datasheet HTML 2Page - Texas Instruments TPS40190 Datasheet HTML 3Page - Texas Instruments TPS40190 Datasheet HTML 4Page - Texas Instruments TPS40190 Datasheet HTML 5Page - Texas Instruments TPS40190 Datasheet HTML 6Page - Texas Instruments TPS40190 Datasheet HTML 7Page - Texas Instruments TPS40190 Datasheet HTML 8Page - Texas Instruments TPS40190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
TPS40192, TPS40193
SLUS719 – MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 85°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT DRIVERS
RHDHI
High-side driver pull-up resistance
VBOOT - VSW = 4.5 V, IHDRV = -100 mA
3
6
RHDLO
High-side driver pull-down resistance
VBOOT - VSW = 4.5 V, IHDRV = 100 mA
1.5
3.0
RLDHI
Low-side driver pull-up resistance
ILDRV = -100 mA
2.5
5.0
RLDLO
Low-side driver pull-down resistance
ILDRV = 100 mA
0.8
1.5
tHRISE
High-side driver rise time(2)
15
35
tHFALL
High-side driver fall time(2)
10
25
CLOAD = 1 nF
ns
tLRISE
Low-side driver rise time(2)
15
35
tLFALL
Low-side driver fall time(2)
10
25
UVLO
VUVLO
Turn-on voltage
3.9
4.2
4.4
V
UVLOHYST
Hysteresis
700
800
900
mV
SHUTDOWN
VIH
High-level input voltage, ENABLE
1.9
3.0
V
VIL
Low-level input votlage, ENABLE
0.6
POWER GOOD
VOV
Feedback voltage limit for powergood
650
VUV
Feedback voltage limit for powergood
525
mV
Powergood hysteresis voltage at FB
VPG_HYST
30
pin
RPGD
Pulldown resistance of PGD pin
VFB = 0 V
7
50
IPDGLK
Leakage current
VFB = 0 V
7
12
μA
BOOT DIODE
VDFWD
Bootstrap diode forward voltage
IBOOT = 5 mA
0.5
0.8
1.2
V
THERMAL SHUTDOWN
TJSD
Junction shutdown temperature(2)
145
°C
TJSDH
Hysteresis(2)
20
(2)
Ensured by design. Not production tested.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS40190

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190 TI-TPS40190 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40190 TI1-TPS40190 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40190DRCR TI-TPS40190DRCR Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40190DRCRG4 TI-TPS40190DRCRG4 Datasheet
560Kb / 22P
[Old version datasheet]   LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40190

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Texas Instruments
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Microchip Technology
MCP16323T-ADJE MICROCHIP-MCP16323T-ADJE Datasheet
1Mb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com