Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3606-33DGS Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3606-33DGS
Description  BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3606-33DGS Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS3606-33DGS Datasheet HTML 7Page - Texas Instruments TPS3606-33DGS Datasheet HTML 8Page - Texas Instruments TPS3606-33DGS Datasheet HTML 9Page - Texas Instruments TPS3606-33DGS Datasheet HTML 10Page - Texas Instruments TPS3606-33DGS Datasheet HTML 11Page - Texas Instruments TPS3606-33DGS Datasheet HTML 12Page - Texas Instruments TPS3606-33DGS Datasheet HTML 13Page - Texas Instruments TPS3606-33DGS Datasheet HTML 14Page - Texas Instruments TPS3606-33DGS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPS360633
BATTERY BACKUP SUPERVISOR FOR LOW POWER PROCESSORS
SLVS335C − DECEMBER 2000 − REVISED JANUARY 2007
11
TYPICAL CHARACTERISTICS
Figure 4
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
VBAT Mode
VBAT = 5 V
MSWITCH = GND
Figure 5
0
5
10
15
20
25
30
012
3
456
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
SUPPLY CURRENT
vs
BATTERY SUPPLY
V(BAT) − Battery Supply − V
VBAT Mode
VDD = GND
MSWITCH = GND
VDD Mode
VBAT = GND
MSWITCH = GND
or
Figure 6
0.995
0.996
0.997
0.998
0.999
1
1.001
−40 −30 −20 −10
0 10 20 30 40 50 60 70 80
INPUT THRESHOLD VOLTAGE AT RESET
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
Figure 7
0
1
2
3
4
5
6
−35
−30
−25
−20
−15
−10
−5
0
TA = −40°C
TA = 85°C
TA = 0°C
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE AT RESET
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 5 V
VBAT = GND
MSWITCH = GND
www.ti.com


Numéro de pièce similaire - TPS3606-33DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3600 TI1-TPS3600 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI1-TPS3600D20PW Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Description similaire - TPS3606-33DGS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com