Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1401T Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TEA1401T
Description  Power plug for the universal mains
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1401T Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TEA1401T Datasheet HTML 4Page - NXP Semiconductors TEA1401T Datasheet HTML 5Page - NXP Semiconductors TEA1401T Datasheet HTML 6Page - NXP Semiconductors TEA1401T Datasheet HTML 7Page - NXP Semiconductors TEA1401T Datasheet HTML 8Page - NXP Semiconductors TEA1401T Datasheet HTML 9Page - NXP Semiconductors TEA1401T Datasheet HTML 10Page - NXP Semiconductors TEA1401T Datasheet HTML 11Page - NXP Semiconductors TEA1401T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Mar 07
8
Philips Semiconductors
Preliminary specification
Power plug for the universal mains
TEA1401T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). All voltages are measured with respect to ground;
positive currents flow into the chip; pins 7, 9, 11 and 12 are not allowed to be voltage driven. The voltage ratings are
valid provided other ratings are not being violated; current ratings are valid provided the maximum power rating is not
violated.
QUALITY SPECIFICATION
According to
“SNW-FQ-611E”. This specification can be found in the “Quality reference Handbook”. The handbook can
be ordered using the code 9397 750 00192.
HANDLING
Every pin withstands the ESD test in accordance with the ‘Human Body Model’ except for pins Vin and DRAIN of which
the performance is:
• Pin Vin: 1000 V in accordance with the ‘Human Body Model’
• Pin DRAIN: 1500 V in accordance with the ‘Human Body Model’.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Voltages
V1
pin 1 (Vin)
continuous
−0.4
+400
V
V3
pin 3 (CPFM)
−0.4
V
V4
pin 4 (SOURCE)
−0.4
+2
V
V8
pin 8 (CI)
−0.4
V
V10
pin 10 (CV)
−0.4
V
V13
pin 13 (FOLDBACK)
−0.4
VIC + 0.4
V
V14
pin 14 (VIC)
−−
V
V17
pin 17 (VAT)
−20
+60
V
V20
pin 20 (DRAIN)
continuous
+550
V
Currents
I3
pin 3 (CPFM)
0.2
mA
I4
pin 4 (SOURCE)
−1+1
A
I7
pin 7 (RI)
−0.2
0
mA
I9
pin 9 (Rref)
−0.2
0
mA
I11
pin 11 (GOUT)
−0.2
0
mA
I12
pin 12 (RV)
−0.2
0
mA
I14
pin 14 (VIC)
−300
+1
mA
I20
pin 20 (DRAIN)
−1+1
A
General
Ptot
total power dissipation
Tamb <50 °C
1.4
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−20
+85
°C
Tvj
virtual junction temperature
−20
+145
°C


Numéro de pièce similaire - TEA1401T

FabricantNo de pièceFiches techniqueDescription
logo
TRACO Electronic AG
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505 TRACOPOWER-TEA1-0505 Datasheet
1Mb / 3P
   TEA 1 Series, 1 Watt
Rev. November 30, 2022
TEA1-0505E TRACOPOWER-TEA1-0505E Datasheet
2Mb / 3P
   TEA 1E Series, 1 Watt
Rev. November 30, 2022
TEA1-0505HI TRACOPOWER-TEA1-0505HI Datasheet
1Mb / 3P
   TEA 1HI Series, 1 Watt
Rev. November 30, 2022
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
More results

Description similaire - TEA1401T

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
C42-W SURGE-C42-W Datasheet
2Mb / 6P
   For connection in series with the mains
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
4370 SCHURTER-4370 Datasheet
297Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Straight
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
   Mains / Power Switches
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
logo
Schurter Inc.
2228 SCHURTER-2228 Datasheet
214Kb / 1P
   Power Cord with Contour Power (Mains) Plug 2-pole, Straight
logo
STMicroelectronics
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
   CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
logo
List of Unclassifed Man...
CA3LS ETC2-CA3LS Datasheet
90Kb / 1P
   Connectors for mains connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com