Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PJLC1V5 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce PJLC1V5
Description  SINGLE AND DUAL LOW CAPACITANCE ESD / TRANSIENT PROTECTOR FOR 1.5 V SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJLC1V5 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  PJLC1V5_06 Datasheet HTML 1Page - Pan Jit International Inc. PJLC1V5_06 Datasheet HTML 2Page - Pan Jit International Inc. PJLC1V5_06 Datasheet HTML 3Page - Pan Jit International Inc. PJLC1V5_06 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.panjit.com
PJLC1V5, 1V5D
7/21/2006
Page 2
TYPICAL CHARACTERISTICS
Leakage Current
0.001
0.01
0.1
1
10
100
0.8
1
1.2
1.4
1.6
1.8
2
Voltage, Volts
TA = 25°C
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
time, µsec
50% of Ipp @ 20µs
Rise time 10-90% - 8µs
Voltage vs Current Characterisitc
0.01
0.1
1
10
100
1
1.5
2
2.5
3
Voltage, Volts
Tj = 25°C


Numéro de pièce similaire - PJLC1V5_06

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
More results

Description similaire - PJLC1V5_06

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
logo
First Silicon Co., Ltd
FTV05CAE FS-FTV05CAE Datasheet
387Kb / 4P
   Low Capacitance ESD Protector
logo
GOOD-ARK Electronics
SESLC3V3D323-2U GOOD-ARK-SESLC3V3D323-2U Datasheet
1Mb / 3P
   Low Capacitance ESD Protector
logo
Pan Jit International I...
PJCLAMP0502Q PANJIT-PJCLAMP0502Q Datasheet
48Kb / 3P
   DUAL ULTRA LOW CAPACITANCE ESD PROTECTOR ARRAY
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
logo
GOOD-ARK Electronics
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Pan Jit International I...
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com