Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2853A
Description  High Power Factor Preregulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2853A Fiches technique(HTML) 3 Page - Texas Instruments

  UC2853A Datasheet HTML 1Page - Texas Instruments UC2853A Datasheet HTML 2Page - Texas Instruments UC2853A Datasheet HTML 3Page - Texas Instruments UC2853A Datasheet HTML 4Page - Texas Instruments UC2853A Datasheet HTML 5Page - Texas Instruments UC2853A Datasheet HTML 6Page - Texas Instruments UC2853A Datasheet HTML 7Page - Texas Instruments UC2853A Datasheet HTML 8Page - Texas Instruments UC2853A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
UC2853A
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, these parameters apply for TA = –40°C to 105°C for the
UC2853A; VCC = 16V, VFB = 3V, IAC = 100
mA, VVCOMP = 3.75V, VICOMP = 3V, TA
=TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Multiplier Section
Output Current – IAC Limited
VCC = 11V, VVCOMP = 6V
–230
–200
–170
mA
Output Current – Zero
IAC = 0
mA
–2
–0.2
2
mA
Output Current – Power Limited
VCC = 12V, VVCOMP = 5.5V
–236
–178
–168
mA
Output Current
VCC= 12V, VVCOMP = 2V
–22
mA
VCC= 12V, VVCOMP = 5V
–156
mA
VCC= 40V, VVCOMP =2V
–2
mA
VCC= 40V, VVCOMP = 5V
–14
mA
Multiplier Gain Constant
VCC= 12V, VVCOMP = 5.5V (Note 2)
–1.05
–0.9
–0.75
V
–1
Oscillator Section
Oscillator Initial Frequency
TA = 25°C
56
63
70
kHz
Oscillator Frequency
Line, Load, Temperature
50
63
74
kHz
Synchronization Frequency Range
100
kHz
Synchronization Pulse Amplitude
Pulse slew rate = 100V/
msec (Note 3)
2
V
Output Driver Section
Maximum Output Voltage
0mA load, VCC = 20V
12
15
17.5
V
Output High
0mA load, VCC = 12V, ref. to VCC
–2.7
–1.7
V
–50mA load, VCC = 12V, ref. to VCC
–3
–2.2
V
Output Low (Device Inactive)
Vcc = 0V, 20mA load (Sinking)
0.9
2.0
V
Output Low (Device Active)
50mA load (Sinking)
0.5
1
V
OUT Rise Time
1nF from OUT to GND
55
100
ns
OUT Fall Time
1nF from OUT to GND
35
100
ns
OUT Maximum Duty Cycle
VICOMP =0V
88
93
%
OVP Comparator Section
Threshold Voltage
Volts Above EA Input V
90
150
mV
Hysteresis
80
mV
Note 1:
1
PWM modulator gain
DutyCycle
VICOMP
= D
D
Note 2:
Gainconstant K
IAC
VCOMP
V
IMO VCC
VCC
()
(– .
)
=
·
··
15
64
, VCC = 12V.
Note 3.
Synchronization is accomplished with a falling edge of 2V mag-
nitude and 100V/
msec slew rate.
(continued)
1
1


Numéro de pièce similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI1-UC2853A Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
822Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UC2853AD TI1-UC2853AD Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADG4 TI1-UC2853ADG4 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADTR TI1-UC2853ADTR Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com