Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2853A Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2853A
Description  High Power Factor Preregulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2853A Fiches technique(HTML) 1 Page - Texas Instruments

  UC2853A Datasheet HTML 1Page - Texas Instruments UC2853A Datasheet HTML 2Page - Texas Instruments UC2853A Datasheet HTML 3Page - Texas Instruments UC2853A Datasheet HTML 4Page - Texas Instruments UC2853A Datasheet HTML 5Page - Texas Instruments UC2853A Datasheet HTML 6Page - Texas Instruments UC2853A Datasheet HTML 7Page - Texas Instruments UC2853A Datasheet HTML 8Page - Texas Instruments UC2853A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UC2853A
The UC2853A provides simple, yet high performance active power factor
correction. Using the same control technique as the UC1854, this 8-pin de-
vice exploits a simplified architecture and an internal oscillator to minimize
external component count. The UC2853A incorporates a precision multi-
plier/squarer/divider circuit, voltage and current loop error amplifiers, and a
precision voltage reference to implement average current mode control
with RMS line voltage compensation. This control technique maintains con-
stant loop gain with changes in input voltage, which minimizes input line
current distortion over the worldwide input voltage range.
The internal 63kHz oscillator includes an external clock input, allowing syn-
chronization to downstream converters. Additionally, the device features an
overvoltage protection comparator, a clamped MOSFET gate driver which
self-biases low during undervoltage lockout, and low startup and supply
current.
The UC2853A is identical to the UC2853 except the internal oscillator fre-
quency has been reduced from 75kHz to 63kHz. The switching frequency
is lowered in order to keep the second harmonic of the switching frequency
below a 150kHz. For EMI specifications at 150kHz this makes it easier for
a design to meet system requirements.
These devices are available in 8-pin PDIP (P) and SOIC (D) packages. The
UC2853A is specified for operation from –40°C to 105°C.
High Power Factor Preregulator
Complete 8-pin Power Factor
Solution
Reduced External Components
RMS Line Voltage Compensation
Precision Multiplier/Squarer/Divider
Internal 63kHz Synchronizable
Oscillator
Average Current Mode PWM
Control
Overvoltage Protection Comparator
High Current, Clamped Gate Driver
BLOCK DIAGRAM
SLUS650A - FEBRUARY 2005 - REVISED JANUARY 2006
FEATURES
DESCRIPTION
UDG-94120-1
application
INFO
available


Numéro de pièce similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2853A TI1-UC2853A Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
822Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UC2853AD TI1-UC2853AD Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADG4 TI1-UC2853ADG4 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853ADTR TI1-UC2853ADTR Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
More results

Description similaire - UC2853A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com