Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM27C1024-120 Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce AM27C1024-120
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-120 Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button AM27C1024-120 Datasheet HTML 2Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 3Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 9Page - Advanced Micro Devices AM27C1024-120 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Am27C1024
connection to all devices in the array and connected to
the READ line from the system control bus. This as-
sures that all deselected memory devices are in their
low-power standby mode and that the output pins are
only active when data is desired from a particular mem-
ory device.
System Applications
During the switch between active and standby condi-
tions, transient current peaks are produced on the ris-
ing and falling edges of Chip Enable. The magnitude of
these transient current peaks is dependent on the out-
put capacitance loading of the device. At a minimum, a
0.1 µF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM ar-
rays, a 4.7 µF bulk electrolytic capacitor should be used
between VCC and VSS for each eight devices. The loca-
tion of the capacitor should be close to where the
power supply is connected to the array.
MODE SELECT TABLE
Notes:
1. VH = 12.0 V ± 0.5 V.
2. X = Either VIH or VIL.
3. A1–A8 and A10–15 = VIL
4. See DC Programming Characteristics for VPP voltage during programming.
Mode
CE#
OE#
PGM#
A0
A9
VPP
Outputs
Read
VIL
VIL
XX
X
X
DOUT
Output Disable
X
VIH
X
X
X
X
High Z
Standby (TTL)
VIH
X
X
X
X
X
High Z
Standby (CMOS)
VCC ± 0.3 V
X
X
X
X
X
High Z
Program
VIL
XVIL
XX
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
VPP
DOUT
Program Inhibit
VIH
XX
X
X
VPP
High Z
Autoselect
(Note 3)
Manufacturer Code
VIL
VIL
VIH
VIL
VH
X01h
Device Code
VIL
VIL
VIH
VIH
VH
X8Ch


Numéro de pièce similaire - AM27C1024-120

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Description similaire - AM27C1024-120

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com