Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM27C1024-70 Fiches technique(PDF) 7 Page - Advanced Micro Devices

No de pièce AM27C1024-70
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-70 Fiches technique(HTML) 7 Page - Advanced Micro Devices

Back Button AM27C1024-70 Datasheet HTML 3Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 9Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 10Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Am27C1024
7
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products. . . . . . . . . . . . . . . . . . –65
°C to +125°C
All Other Products . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to VSS
All pins except A9, VPP, VCC . . –0.6 V to VCC + 0.6 V
A9 and VPP (Note 2) . . . . . . . . . . . . . –0.6 V to 13.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V
Notes:
1. Minimum DC voltage on input or I/O pins –0.5 V. During
voltage transitions, the input may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on input
and I/O pins is VCC + 5 V. During voltage transitions, input
and I/O pins may overshoot to VCC + 2.0 V for periods up
to 20 ns.
2. Minimum DC input voltage on A9 is –0.5 V. During voltage
transitions, A9 and VPP may overshoot VSS to –2.0 V for
periods of up to 20 ns. A9 and VPP must not exceed +13.5
V at any time.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum ratings for extended periods
may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . .–55°C to +125°C
Supply Read Voltages
VCC for ± 5% devices . . . . . . . . . . +4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.


Numéro de pièce similaire - AM27C1024-70

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Description similaire - AM27C1024-70

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com