Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1102 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TEA1102
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TEA1102 Datasheet HTML 1Page - NXP Semiconductors TEA1102 Datasheet HTML 2Page - NXP Semiconductors TEA1102 Datasheet HTML 3Page - NXP Semiconductors TEA1102 Datasheet HTML 4Page - NXP Semiconductors TEA1102 Datasheet HTML 5Page - NXP Semiconductors TEA1102 Datasheet HTML 6Page - NXP Semiconductors TEA1102 Datasheet HTML 7Page - NXP Semiconductors TEA1102 Datasheet HTML 8Page - NXP Semiconductors TEA1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1999 Jan 27
3
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
5.5
11.5
V
IP
supply current
outputs off
4
mA
∆V
NTC/VNTC
temperature rate dependent
(
∆T/∆t) detection level
VNTC =2V;
Tj = 0 to 50 °C
−−0.25
%
∆V
bat/Vbat
voltage peak detection level with
respect to top value
Vbat =2V;
Tj = 0 to 50 °C
−−0.25
%
IVbat
input current battery monitor
Vbat = 0.3 to 1.9 V
1
nA
Vbat(l)
voltage at pin 19 for detecting low
battery voltage
0.30
V
IIB
battery charge current
fast charge
10
100
µA
top-off mode
3
−µA
IIB(max)
maximum battery charge current
voltage regulation full
NiCd and NiMH battery
10
−µA
IIB(Lmax)
maximum load current
no battery
40
−µA
fosc
oscillator frequency
10
200
kHz
Vreg
regulating voltage
LiIon
1.37
V
SLA
1.63
V
NiCd and NiMH
(pin Vstb open-circuit)
1.325 or
Vstb
V
open battery
1.9
V


Numéro de pièce similaire - TEA1102

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Description similaire - TEA1102

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com