Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1099 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TEA1099
Description  Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1099 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TEA1099 Datasheet HTML 1Page - NXP Semiconductors TEA1099 Datasheet HTML 2Page - NXP Semiconductors TEA1099 Datasheet HTML 3Page - NXP Semiconductors TEA1099 Datasheet HTML 4Page - NXP Semiconductors TEA1099 Datasheet HTML 5Page - NXP Semiconductors TEA1099 Datasheet HTML 6Page - NXP Semiconductors TEA1099 Datasheet HTML 7Page - NXP Semiconductors TEA1099 Datasheet HTML 8Page - NXP Semiconductors TEA1099 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1999 Apr 08
5
Philips Semiconductors
Product specification
Speech and handsfree IC with auxiliary
inputs/outputs and analog multiplexer
TEA1099H
PINNING
SYMBOL
PIN
DESCRIPTION
HFRX
1
receive input for loudspeaker
amplifier or auxiliary receive
amplifier
TNOI
2
transmit noise envelope timing
adjustment
TENV
3
transmit signal envelope timing
adjustment
TSEN
4
transmit signal envelope sensitivity
adjustment
RNOI
5
receive noise envelope timing
adjustment
RSEN
6
receive signal envelope sensitivity
adjustment
RENV
7
receive signal envelope timing
adjustment
DLC
8
dynamic limiter capacitor for the
loudspeaker amplifier
ESI
9
external supply input
VBB
10
stabilized supply for internal
circuitry
GALS
11
loudspeaker amplifier gain
adjustment
LSAO
12
loudspeaker amplifier output
GND
13
ground reference
SLPE
14
line current sense
LN
15
positive line terminal
REG
16
line voltage regulator decoupling
IR
17
receive amplifier input
AGC
18
automatic gain control/line loss
compensation
VDD
19
3.35 V regulated voltage supply for
the microcontroller
MICS
20
microphone supply output
STAB
21
reference current adjustment
SWR
22
switching range adjustment
VOL
23
loudspeaker volume adjustment
SWT
24
switch-over timing adjustment
IDT
25
Idle mode timing adjustment
TXOUT
26
HF microphone amplifier output
GATX
27
HF microphone amplifier gain
adjustment
TXIN
28
HF microphone amplifier input
GNDTX
29
ground reference for microphone
amplifiers
MIC
30
negative HS microphone amplifier
input
MIC+
31
positive HS microphone amplifier
input
DTMF
32
dual tone multi-frequency input
QR
33
earpiece amplifier output
GARX
34
earpiece amplifier gain adjustment
RECO
35
receive amplifier output
HFTX
36
transmit input for line amplifier or
auxiliary receive amplifier
HFC
37
logic input
PD
38
power-down input (active LOW)
MUTT
39
logic input (active LOW)
MUTR
40
logic input (active LOW)
AUXC
41
logic input
RAUX
42
auxiliary receive amplifier input
TXAUX
43
auxiliary transmit amplifier input
AUXO
44
auxiliary amplifier output
SYMBOL
PIN
DESCRIPTION


Numéro de pièce similaire - TEA1099

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Description similaire - TEA1099

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com