Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1095T Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TEA1095T
Description  Voice switched speakerphone IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1095T Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TEA1095T Datasheet HTML 2Page - NXP Semiconductors TEA1095T Datasheet HTML 3Page - NXP Semiconductors TEA1095T Datasheet HTML 4Page - NXP Semiconductors TEA1095T Datasheet HTML 5Page - NXP Semiconductors TEA1095T Datasheet HTML 6Page - NXP Semiconductors TEA1095T Datasheet HTML 7Page - NXP Semiconductors TEA1095T Datasheet HTML 8Page - NXP Semiconductors TEA1095T Datasheet HTML 9Page - NXP Semiconductors TEA1095T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1997 Nov 25
6
Philips Semiconductors
Product specification
Voice switched speakerphone IC
TEA1095
FUNCTIONAL DESCRIPTION
The values given in the functional description are typical
values except when otherwise specified.
A principle diagram of the TEA1096 is shown on the left
side of Fig.3. The TEA1096 is a transmission and
listening-in circuit. It incorporates a receiving amplifier for
the earpiece, a transmit amplifier for the microphone, a
loudspeaker amplifier and a hybrid. For more details on the
TEA1096 circuit (please refer to
Data Handbook IC03).
The right side of Fig.3 shows a principle diagram of the
TEA1095, a hands-free add-on circuit with a transmit
amplifier, a receiver amplifier and a duplex controller.
As can be seen from Fig.3, a loop is formed via the
sidetone network in the transmission circuit and the
acoustic coupling between loudspeaker and microphone
of the hands-free circuit. When this loop gain is greater
than 1, howling is introduced. In a full duplex application,
this would be the case. The loop-gain has to be much
lower than 1 and therefore has to be decreased to avoid
howling. This is achieved by the duplex controller. The
duplex controller of the TEA1095 detects which channel
has the ‘largest’ signal and then controls the gains of the
transmit amplifier and the receiver amplifier such that the
sum of the gains remains constant. As a result, the circuit
can be in three stable modes:
1. Transmit mode (Tx mode): the gain of the transmit
amplifier is at its maximum and the gain of the receiver
amplifier is at its minimum.
2. Receive mode (Rx mode): the gain of the receiver
amplifier is at its maximum and the gain of the transmit
amplifier is at its minimum.
3. Idle mode: the gain of the amplifiers is halfway
between their maximum and minimum value.
The difference between the maximum gain and minimum
gain is called the switching range.
Fig.3 Hands-free telephone set principles.
handbook, full pagewidth
MBG358
HYBRID
DUPLEX
CONTROL
telephone
line
acoustic
coupling
sidetone
TEA1096
TEA1095


Numéro de pièce similaire - TEA1095T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Description similaire - TEA1095T

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
   Voice Switched Speakerphone
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com