Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1062AM1 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TEA1062AM1
Description  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062AM1 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TEA1062AM1 Datasheet HTML 3Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 4Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 5Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 6Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 7Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 8Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 9Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 10Page - NXP Semiconductors TEA1062AM1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1997 Sep 03
7
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
Sidetone suppression
The anti-sidetone network, R1//Zline, R2, R3, R8, R9 and
Zbal, (see Fig.4) suppresses the transmitted signal in the
earpiece. Maximum compensation is obtained when the
following conditions are fulfilled:
(1)
(2)
If fixed values are chosen for R1, R2, R3 and R9, then
condition (1) will always be fulfilled when
|R8//Zbal| << R3.
To obtain optimum sidetone suppression, condition (2) has
to be fulfilled which results in:
Where k is a scale factor;
The scale factor k, dependent on the value of R8, is
chosen to meet the following criteria:
• compatibility with a standard capacitor from the E6 or
E12 range for Zbal
•Zbal//R8 << R3 fulfilling condition (a) and thus
ensuring correct anti-sidetone bridge operation
•Zbal + R8 >> R9 to avoid influencing the transmit gain.
In practise Zline varies considerably with the line type and
length. The value chosen for Zbal should therefore be for
an average line length thus giving optimum setting for
short or long lines.
R9
R2
×
R1
R3
R8
Z
bal
×
R8
Z
bal
+
-------------------------
+



×
=
Z
bal
Z
bal
R8
+
-------------------------
Z
line
Z
line
R1
+
--------------------------
=
Z
bal
R8
R1
--------
Z
line
kZ
line
×
=
×
=
k
R8
R1
--------
=
EXAMPLE
The balance impedance Zbal at which the optimum
suppression is present can be calculated by:
Suppose Zline = 210 Ω + (1265 Ω//140 nF) representing a
5 km line of 0.5 mm diameter, copper, twisted-pair cable
matched to 600
Ω (176 Ω/km; 38 nF/km).
When k = 0.64 then R8 = 390
Ω;
Zbal = 130 Ω + (820 Ω//220 nF).
The anti-sidetone network for the TEA1060 family shown
in Fig.4 attenuates the signal received from the line by
32 dB before it enters the receiving amplifier.
The attenuation is almost constant over the whole
audio-frequency range.
Figure 5 shows a conventional Wheatstone bridge
anti-sidetone circuit that can be used as an alternative.
Both bridge types can be used with either resistive or
complex set impedances. (More information on the
balancing of anti-sidetone bridges can be obtained in our
publication
“Applications Handbook for Wired telecom
systems, IC03b”, order number 9397 750 00811.)


Numéro de pièce similaire - TEA1062AM1

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Description similaire - TEA1062AM1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com