Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA1064A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TEA1064A
Description  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TEA1064A Datasheet HTML 4Page - NXP Semiconductors TEA1064A Datasheet HTML 5Page - NXP Semiconductors TEA1064A Datasheet HTML 6Page - NXP Semiconductors TEA1064A Datasheet HTML 7Page - NXP Semiconductors TEA1064A Datasheet HTML 8Page - NXP Semiconductors TEA1064A Datasheet HTML 9Page - NXP Semiconductors TEA1064A Datasheet HTML 10Page - NXP Semiconductors TEA1064A Datasheet HTML 11Page - NXP Semiconductors TEA1064A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
March 1994
8
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064A
Fig.5
Maximum AC output swing on the line as a
function of line current with peripheral
supply current as a parameter: R15 = 0
Ω;
R16 = 392
Ω.
handbook, halfpage
10
6
4
2
0
20
30
MGR060
Iline (mA)
VLN(p-p)
(V)
Ip =
0 mA
2 mA
4 mA
Fig.6
Equivalent impedance between LN and
VEE in the application with stabilized
VLN-SLPE:
R15 = 0
Leq =C3 × R9 × Rp
Rp =15kΩ
handbook, halfpage
MGR061
R9
20
REG
LN
C3
4.7
µF
Rp
Vref
Leq
VCC1
VEE
C1
R1
Fig.7
Internal reference voltage VCC2-SLPE as a function of resistor RVA(REG-SLPE) for line currents between 11
and 140 mA.
In the stabilized supply application:
VLN =VCC2-SLPE + ([Ip + 0.25 × 10−3 A] × R15) + ([Iline − 1.55 × 10−3 A] × R9)
In the unregulated supply application (R15 = 0
Ω):
VLN =VCC2-SLPE + ([Iline − 1.55 × 10−3 A] × R9)
handbook, full pagewidth
7.8
3.0
080
40
120
MGR062
4.2
5.4
6.6
RVA (REG-SLPE) (kΩ)
Vref
(V)
with RVA
infinite


Numéro de pièce similaire - TEA1064A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064BT PHILIPS-TEA1064BT Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

Description similaire - TEA1064A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com