Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9875A Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA9875A
Description  Digital TV Sound Processor DTVSP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875A Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA9875A Datasheet HTML 4Page - NXP Semiconductors TDA9875A Datasheet HTML 5Page - NXP Semiconductors TDA9875A Datasheet HTML 6Page - NXP Semiconductors TDA9875A Datasheet HTML 7Page - NXP Semiconductors TDA9875A Datasheet HTML 8Page - NXP Semiconductors TDA9875A Datasheet HTML 9Page - NXP Semiconductors TDA9875A Datasheet HTML 10Page - NXP Semiconductors TDA9875A Datasheet HTML 11Page - NXP Semiconductors TDA9875A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
1999 Dec 20
8
Philips Semiconductors
Product specification
Digital TV Sound Processor (DTVSP)
TDA9875A
Notes
1. Pin type: I = input, O = output, S = supply.
2. Test pin: CMOS level input; pull-up resistor; can be connected to VSS.
3. Test pin: CMOS 3-state stage; can be connected to VSS.
Vref(p)
39
31
positive reference voltage; audio analog-to-digital converter
circuitry
Vref(n)
40
32
reference voltage ground; audio analog-to-digital converter
circuitry
i.c.
41
33
internally connected; note 2
i.c.
42
34
internally connected; note 3
VSSA2
43
35
S
supply ground 2; audio analog-to-digital converter circuitry
i.c.
44
36
internally connected; note 3
i.c.
45
37
internally connected; note 2
Vref2
46
38
reference voltage 2; audio analog-to-digital converter circuitry
SCOR1
47
39
O
SCART 1 output right channel
SCOL1
48
40
O
SCART 1 output left channel
VSSD2
49
41
S
supply ground 2; digital circuitry
VSSA4
50
42
S
supply ground 4; audio operational amplifier circuitry
SCOR2
51
43
O
SCART 2 output right channel
SCOL2
52
44
O
SCART 2 output left channel
Vref3
53
45
reference voltage 3; audio digital-to-analog converter and
operational amplifier circuitry
PCAPR
54
46
post-filter capacitor pin right channel; audio digital-to-analog
converter
PCAPL
55
47
post-filter capacitor pin left channel; audio digital-to-analog
converter
VSSA3
56
48
S
supply ground 3; audio digital-to-analog converter circuitry
AUXOR
57
49
O
headphone (Auxiliary) output right channel
AUXOL
58
50
O
headphone (Auxiliary) output left channel
VDDA
59
51
S
analog supply voltage; analog circuitry
MOR
60
52
O
loudspeaker (Main) output right channel
MOL
61
53
O
loudspeaker (Main) output left channel
LOL
62
54
O
line output left channel
LOR
63
55
O
line output right channel
VDDD2
64
56
S
digital supply voltage 2; digital circuitry
SYMBOL
PIN
PIN
TYPE(1)
DESCRIPTION
TDA9875A
TDA9875AH


Numéro de pièce similaire - TDA9875A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
More results

Description similaire - TDA9875A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com