Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9875 Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce TDA9875
Description  Digital TV Sound Processor DTVSP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875 Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button TDA9875 Datasheet HTML 44Page - NXP Semiconductors TDA9875 Datasheet HTML 45Page - NXP Semiconductors TDA9875 Datasheet HTML 46Page - NXP Semiconductors TDA9875 Datasheet HTML 47Page - NXP Semiconductors TDA9875 Datasheet HTML 48Page - NXP Semiconductors TDA9875 Datasheet HTML 49Page - NXP Semiconductors TDA9875 Datasheet HTML 50Page - NXP Semiconductors TDA9875 Datasheet HTML 51Page - NXP Semiconductors TDA9875 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
1998 Feb 13
48
Philips Semiconductors
Preliminary specification
Digital TV Sound Processor (DTVSP)
TDA9875
Table 44 Description of bit SC1GAIN (note 1)
Note
1. A possibility to copy from SCART 1 input to SCART 1 output is not implemented.
10.3.18 SCART 2 OUTPUT SELECT REGISTER
10.3.18.1 Description
This register is used to define both the signal source to be output at SCART 2 and the output channel selector mode.
10.3.18.2 Definition
Table 45 Subaddress 21 (notes 1 and 2)
Notes
1. X = don’t care.
2. The default setting at power-up is 00000000.
3. See Table 48.
Table 46 Signal source
Table 47 Bits B5 and B4
NAME
HIGH/LOW
FUNCTION
SC1GAIN
HIGH
Activates the 3 dB gain stage at the SCART 1 output port. As any SCART input passes
a 3 dB attenuator, this gain stage can be used to compensate that attenuation, resulting
in a 0 dB insertion loss when copying from SCART 2 input to SCART 1 output.
However, that gain must be used with great care, as it will cause signal clipping at high
input levels.
LOW
The audio signal will be output unchanged (0 dB gain).
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
X
SC2GAIN(3)
see Table 47
X
see Table 46
B2
B1
B0
SIGNAL SOURCE
0
0
0
SCART 1 input
0
1
0
external input
0
1
1
mono input
1
0
0
DAC input
B5
B4
L OUTPUT
R OUTPUT
0
0
L input
R input
0
1
L input
L input
1
0
R input
R input
1
1
R input
L input


Numéro de pièce similaire - TDA9875

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875AH PHILIPS-TDA9875AH Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
More results

Description similaire - TDA9875

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com