Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9873H Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA9873H
Description  Multistandard dual carrier stereo sound decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873H Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA9873H Datasheet HTML 6Page - NXP Semiconductors TDA9873H Datasheet HTML 7Page - NXP Semiconductors TDA9873H Datasheet HTML 8Page - NXP Semiconductors TDA9873H Datasheet HTML 9Page - NXP Semiconductors TDA9873H Datasheet HTML 10Page - NXP Semiconductors TDA9873H Datasheet HTML 11Page - NXP Semiconductors TDA9873H Datasheet HTML 12Page - NXP Semiconductors TDA9873H Datasheet HTML 13Page - NXP Semiconductors TDA9873H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2000 Apr 04
10
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
CHARACTERISTICS
VCC =5V; Tamb =25 °C; B/G standard (fSC1 = 5.5 MHz, fSC2 = 5.742 MHz, SC1/SC2=7dB, ∆fAF = 27 kHz,
fmod = 1 kHz, L = R, stereo mode); input level for first sound carrier Vi(FM)(rms) =50mV; fref = 4.000 MHz; measured in
application circuits of Figs 7 and 8; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 28)
VCC
supply voltage
4.5
5
6.6
V
ICC
supply current
40
60
75
mA
FM-PLL demodulator (pin 25); note 1
Vi(FM)(rms)
FM-PLL input voltage
(RMS value)
sensitivity for pull-in
first sound carrier
−−
6mV
second sound carrier
−−
1mV
level for gain controlled
operation; note 2
first sound carrier
6
150
mV
second sound carrier
1
100
mV
Vi(vid)(p-p)
allowable interference video
level (peak-to-peak value)
see Fig.3
Vi(FM1)(rms) =6mV
−−
160
mV
Vi(FM1)(rms) = 150 mV
−−
2V
Ri
input resistance
4
5
6
k
fi(FM)
FM-PLL operating frequencies
(switchable)
first sound carrier
M standard
4.5
MHz
B/G standard
5.5
MHz
I standard
6.0
MHz
D/K standard
6.5
MHz
second sound carrier
M standard
4.72
MHz
B/G standard
5.74
MHz
D/K (1) standard
6.26
MHz
D/K (2) standard
6.74
MHz
D/K (3) standard
5.74
MHz
∆f
FM
frequency windows of digital
acquisition help
narrow; note 3
−±225
kHz
wide; note 3
−±450
kHz
∆fAF
frequency deviation
THD < 1.5%; normal gain
−−
±62
kHz
THD < 1.5%; reduced gain
−−
±124
kHz
∆f
AF(ident)
frequency deviation for safe
identification
VCC = 5 V; stereo: 1 kHz L,
400 Hz R
−−
±125
kHz
α
AM
AM suppression
AM: fmod = 1 kHz; m = 0.3
referenced to 27 kHz
FM deviation
40
46
dB
KO(FM)
VCO steepness
∆fFM/∆VLF1,2
note 4
3.3
MHz/V
KD(FM)
phase detector steepness
∆ILF1,2/∆ϕ(VFM)
note 4
4
−µA/rad


Numéro de pièce similaire - TDA9873H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874AH PHILIPS-TDA9874AH Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874APS PHILIPS-TDA9874APS Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
More results

Description similaire - TDA9873H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA3803A PHILIPS-TDA3803A Datasheet
95Kb / 11P
   Stereo/dual TV sound decoder circuit
November 1987
TDA2795 PHILIPS-TDA2795 Datasheet
236Kb / 6P
   TV STEREO / DUAL SOUND IDENTIFICATION DECODER
March 1986
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
logo
Micronas
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com