Moteur de recherche de fiches techniques de composants électroniques |
|
TC1303B-AQ3EUN Fiches technique(PDF) 9 Page - Microchip Technology |
|
TC1303B-AQ3EUN Fiches technique(HTML) 9 Page - Microchip Technology |
9 / 36 page © 2005 Microchip Technology Inc. DS21949B-page 9 TC1303A/TC1303B/TC1303C/TC1304 TEMPERATURE SPECIFICATIONS Electrical Specifications: Unless otherwise indicated, all limits are specified for: VIN = +2.7V to +5.5V Parameters Sym Min Typ Max Units Conditions Temperature Ranges Operating Junction Temperature Range TJ -40 — +125 °C Steady state Storage Temperature Range TA -65 — +150 °C Maximum Junction Temperature TJ — — +150 °C Transient Thermal Package Resistances Thermal Resistance, 10L-DFN θJA — 41 — °C/W Typical 4-layer Board with Internal Ground Plane and 2 Vias in Thermal Pad Thermal Resistance, 10L-MSOP θJA — 113 — °C/W Typical 4-layer Board with Internal Ground Plane |
Numéro de pièce similaire - TC1303B-AQ3EUN |
|
Description similaire - TC1303B-AQ3EUN |