Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9853H Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA9853H
Description  I2C-bus controlled economic BTSC stereo decoder and audio processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853H Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA9853H Datasheet HTML 7Page - NXP Semiconductors TDA9853H Datasheet HTML 8Page - NXP Semiconductors TDA9853H Datasheet HTML 9Page - NXP Semiconductors TDA9853H Datasheet HTML 10Page - NXP Semiconductors TDA9853H Datasheet HTML 11Page - NXP Semiconductors TDA9853H Datasheet HTML 12Page - NXP Semiconductors TDA9853H Datasheet HTML 13Page - NXP Semiconductors TDA9853H Datasheet HTML 14Page - NXP Semiconductors TDA9853H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2000 Dec 11
11
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
VCA
Is
nominal timing current for
nominal release rate of VCA
detector
Is can be measured at pin TW
via current meter connected to
0.5VCC +1V
6.5
8
9.5
µA
Relrate
nominal detector release rate
nominal timing current and
external capacitor values
125
dB/s
Automatic volume level control
Gv
voltage gain
maximum boost; note 3
5
6
7
dB
maximum attenuation; note 3
14
15
16
dB
Gstep
equivalent step width between
the input stages (soft switching
system)
1.5
dB
Vi(rms)
input voltage (RMS value)
maximum boost; note 3
0.1
V
maximum attenuation; note 3
1.125
V
Vo(AVL)(rms)
output voltage in AVL
operation (RMS value)
160
200
250
mV
Voffset(DC)
DC offset voltage between
different gain steps
voltage at pin CAV
6 to 5.83 V or 5.83 to 5.61 V or
5.61 to 4.83 V or 4.83 to 2.1 V;
note 4
−−
20
mV
Ratt
discharge resistors for attack
time constant
AT1 = 0; AT2 = 0; note 5
340
420
520
AT1 = 1; AT2 = 0; note 5
590
730
910
AT1 = 0; AT2 = 1; note 5
0.96
1.2
1.5
k
AT1 = 1; AT2 = 1; note 5
1.7
2.1
2.6
k
Idec
charge current for decay time
normal mode; CCD = 0; note 6 1.6
2
2.4
µA
Power-on speed-up; CCD = 1;
note 6
30
−µA
Selector internal and external
Zi
input impedance
16
20
25
k
α
s
input isolation of one selected
source to the other input
Vi =1V; fi = 1 kHz
70
76
dB
Vi =1V; fi = 12.5 kHz
70
76
dB
Vi(max)(rms)
maximum input voltage
(RMS value)
THD < 0.5%
2
V
Gv
voltage gain, selector
0
dB
Line output; pins LOL and LOR
Vo(rms)
nominal output voltage
(RMS value)
100% modulation
500
mV
HRo
output headroom
9
−−
dB
Zo
output impedance
80
120
VO
DC output voltage
0.45VCC 0.5VCC
0.55VCC V
RL
output load resistance
5
−−
k
CL
output load capacitance
−−
2.5
nF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Numéro de pièce similaire - TDA9853H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
More results

Description similaire - TDA9853H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com