Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9850T Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce TDA9850T
Description  I2C-bus controlled BTSC stereo/SAP decoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850T Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button TDA9850T Datasheet HTML 4Page - NXP Semiconductors TDA9850T Datasheet HTML 5Page - NXP Semiconductors TDA9850T Datasheet HTML 6Page - NXP Semiconductors TDA9850T Datasheet HTML 7Page - NXP Semiconductors TDA9850T Datasheet HTML 8Page - NXP Semiconductors TDA9850T Datasheet HTML 9Page - NXP Semiconductors TDA9850T Datasheet HTML 10Page - NXP Semiconductors TDA9850T Datasheet HTML 11Page - NXP Semiconductors TDA9850T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1995 Jun 19
8
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
Adjustment procedure
COMPOSITE INPUT LEVEL ADJUSTMENT
Feed in from FM demodulator the composite signal with
100% modulation (25 kHz deviation) L + R; fi = 300 Hz.
Set input level control via I2C-bus monitoring OUTL or
OUTR (500 mV
±20 mV). Store the setting in a
non-volatile memory.
AUTOMATIC ADJUSTMENT PROCEDURE
• Connect 2.2 µF capacitors from ACR and ACL to
ground.
• Composite input signal L = 300 Hz, R = 3.1 kHz,
14% modulation for each channel.
• Mode selection setting bits: STEREO = 1, SAP = 0
(see Table 8).
• Start adjustment by transmission ADJ = 1 in register
ALI3. The decoder will align itself.
• After 1 second minimum stop alignment by transmitting
ADJ = 0 in register ALI3 read the alignment data by an
I2C-bus read operation from ALR1 and ALR2
(see Chapter “I2C-bus protocol”) and store it in a
non-volatile memory. The alignment procedure
overwrites the previous data stored in ALI1 and ALI2.
• The capacitors from ACR and ACL may be
disconnected after alignment.
MANUAL ADJUSTMENT
Manual adjustment is necessary when no dual tone
generator is available (e.g. for service).
• Spectral and wideband data have to be set to 10000
(middle position for adjustment range)
• Composite input L = 300 Hz; 14% modulation
• Adjust channel separation by varying wideband data
• Composite input L = 3 kHz; 14% modulation
• Adjust channel separation by varying spectral data
• Iterative spectral/wideband operation for optimum
adjustment
• Store data in non-volatile memory.
After every power-on, the alignment data and the input
level adjustment data must be loaded from the non-volatile
memory.
TIMING CURRENT FOR RELEASE RATE
Due to possible internal and external spreading, the timing
current can be adjusted via I2C-bus, see Table 9, as
recommended by dbx.


Numéro de pièce similaire - TDA9850T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9852H PHILIPS-TDA9852H Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

Description similaire - TDA9850T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com