Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9819 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA9819
Description  Multistandard vision and sound-IF PLL with DVB-IF processing
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9819 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA9819 Datasheet HTML 1Page - NXP Semiconductors TDA9819 Datasheet HTML 2Page - NXP Semiconductors TDA9819 Datasheet HTML 3Page - NXP Semiconductors TDA9819 Datasheet HTML 4Page - NXP Semiconductors TDA9819 Datasheet HTML 5Page - NXP Semiconductors TDA9819 Datasheet HTML 6Page - NXP Semiconductors TDA9819 Datasheet HTML 7Page - NXP Semiconductors TDA9819 Datasheet HTML 8Page - NXP Semiconductors TDA9819 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1998 Jul 14
5
Philips Semiconductors
Product specification
Multistandard vision and sound-IF PLL with
DVB-IF processing
TDA9819
PINNING
SYMBOL
PIN
DESCRIPTION
Vi VIF1
1
VIF differential input signal voltage 1
Vi VIF2
2
VIF differential input signal voltage 2
CBL
3
black level detector
Vi VIF3
4
VIF differential input signal voltage 3
Vi VIF4
5
VIF differential input signal voltage 4
TADJ
6
tuner AGC takeover adjust (TOP)
TPLL
7
PLL loop filter
CSAGC
8
SIF AGC capacitor
STD
9
standard switch input
Vo CVBS
10
2 V CVBS output signal voltage
VCOADJ
11
VCO adjust BG/L/M
VoAF
12
audio voltage frequency output
VAGC(ext)
13
external AGC voltage (DVB)
CAF
14
AF decoupling capacitor
AGCADJ
15
AGC adjust (DVB)
VVCO(ext)
16
external VCO control voltage (DVB)
ViFM
17
sound intercarrier input
DVB
18
DVB output
TAGC
19
tuner AGC output
Vo QSS
20
single reference QSS output voltage
Vo(vid)
21
composite video output voltage
Vi(vid)
22
video buffer input voltage
AFC
23
AFC output
VCO1
24
VCO1 reference circuit for 2fPC
VCO2
25
VCO2 reference circuit for 2fPC
Cref
26
1
2VP reference capacitor
GND
27
ground
CVAGC
28
VIF AGC capacitor
VP
29
supply voltage (+5 V)
INSWI
30
VIF input switch
Vi SIF1
31
SIF differential input signal voltage 1
Vi SIF2
32
SIF differential input signal voltage 2
Fig.2 Pin configuration (SDIP32).
handbook, halfpage
TDA9819
MBH354
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Vi VIF1
Vi VIF2
Vi VIF3
VAGC(ext)
VVCO(ext)
Vi VIF4
CBL
TPLL
STD
CSAGC
Vo CVBS
Vo AF
CAF
TADJ
VCOADJ
AGCADJ
Vi SIF2
Vi SIF1
VP
GND
VCO2
VCO1
AFC
CVAGC
Vi(vid)
Vi FM
Vo(vid)
Vo QSS
TAGC
DVB
Cref
INSWI


Numéro de pièce similaire - TDA9819

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Description similaire - TDA9819

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com