Moteur de recherche de fiches techniques de composants électroniques |
|
ISL60002DIH330Z-TK Fiches technique(PDF) 5 Page - Intersil Corporation |
|
ISL60002DIH330Z-TK Fiches technique(HTML) 5 Page - Intersil Corporation |
5 / 35 page 5 FN8082.8 June 4, 2007 Absolute Maximum Ratings Recommended Operating Conditions Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Max Voltage VIN to Gnd. . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V Max Voltage VOUT to Gnd (10s): . . . . . . . . . . . -0.5V to +VOUT + 1V Voltage on “DNC” pins . . . . No connections permitted to these pins. ESD Ratings (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5500V (MM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .550V (CDM). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV Temperature Range (Industrial) . . . . . . . . . . . . . . . . . -40°C to +85°C Temperature Range (3.3V version) . . . . . . . . . . . . . -40°C to +105°C Thermal Information Continuous Power Dissipation. . . . . . . . . . . . . . . . . . . . . TA = +70°C 8 Ld SOIC derate 5.88mW/°C above +70°C . . . . . . . . . . . . . 471mW Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.024 V VOA VOUT Accuracy TA = +25°C ISL60002B10 -1.0 +1.0 mV ISL60002C10 -2.5 +2.5 mV ISL60002D10 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.200 V VOA VOUT Accuracy TA = +25°C ISL60002B11 -1.0 +1.0 mV ISL60002C11 -2.5 +2.5 mV ISL60002D11 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-12, VOUT = 1.250V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.250 V VOA VOUT Accuracy TA = +25°C ISL60002B12 -1.0 +1.0 mV ISL60002C12 -2.5 +2.5 mV ISL60002D12 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-18, VOUT = 1.800V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 1.800 V VOA VOUT Accuracy TA = +25°C ISL60002B18 -1.0 +1.0 mV ISL60002C18 -2.5 +2.5 mV ISL60002D18 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V ISL60002 |
Numéro de pièce similaire - ISL60002DIH330Z-TK |
|
Description similaire - ISL60002DIH330Z-TK |