Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9813T Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA9813T
Description  VIF-PLL with QSS-IF and dual FM-PLL demodulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9813T Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA9813T Datasheet HTML 1Page - NXP Semiconductors TDA9813T Datasheet HTML 2Page - NXP Semiconductors TDA9813T Datasheet HTML 3Page - NXP Semiconductors TDA9813T Datasheet HTML 4Page - NXP Semiconductors TDA9813T Datasheet HTML 5Page - NXP Semiconductors TDA9813T Datasheet HTML 6Page - NXP Semiconductors TDA9813T Datasheet HTML 7Page - NXP Semiconductors TDA9813T Datasheet HTML 8Page - NXP Semiconductors TDA9813T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
SINGLE REFERENCE
MIXER
VCO TWD
AFC DETECTOR
TUNER AND VIF-AGC
FPLL
VIDEO DEMODULATOR
AND AMPLIFIER
SIF
AMPLIFIER
SIF-AGC
INTERNAL VOLTAGE
STABILIZER
FM DETECTOR (PLL)
AF AMPLIFIER
VIF AMPLIFIER
SIF
VIF
TDA9813T
26
24
23
7
6
8
18
19
13
10
11
20
21
22
5
16
25
4
3
2
1
28
27
5 V
VP
1/2
C AGC
917
15
5.5
5.74
SIF
14
12
n.c.
n.c.
AF2
FM DETECTOR (PLL)
AF AMPLIFIER
AF1
VIDEO
BUFFER
Vi(vid)
CVBS
2 V (p-p)
video
1 V (p-p)
AFC
2 x f PC
tuner
AGC
loop
filter
n.c.
TOP
CAGC
MHA037
Fig.1 Block diagram.


Numéro de pièce similaire - TDA9813T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Description similaire - TDA9813T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com